Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1235CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology LTC1235CSW Datasheet HTML 10Page - Linear Technology LTC1235CSW Datasheet HTML 11Page - Linear Technology LTC1235CSW Datasheet HTML 12Page - Linear Technology LTC1235CSW Datasheet HTML 13Page - Linear Technology LTC1235CSW Datasheet HTML 14Page - Linear Technology LTC1235CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1235
11
1235fa
Figure 6. Timing Diagram for CE IN and CE OUT
Table 1 shows the state of each pin during battery backup.
If the backup battery is not used, connect VBATT to GND
and VOUT to VCC.
Table 1. Input and Output Status in Battery Backup Mode
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover.
BACKUP
BACKUP is ignored.
VOUT
VOUT is connected to VBATT through an internal PMOS switch.
VBATT
The supply current is 1μA maximum.
BATT ON
Logic high. The open circuit output voltage is equal to VOUT.
PFI
Power Failure Input is ignored.
PFO
Logic low
PB RST
PB RST is ignored.
RESET
Logic low
RESET
Logic high. The open circuit output voltage is equal to VOUT.
LOW LINE Logic low
WDI
Watchdog Input is ignored.
WDO
Logic high. The open circuit output voltage is equal to VOUT.
CE IN
Chip Enable Input is ignored.
CE OUT
Logic high. The open circuit output voltage is equal to VOUT.
Memory Protection
The LTC1235 includes memory protection circuitry which
ensures the integrity of the data in memory by preventing
write operations when VCC is at invalid level. Two pins, CE
IN and CE OUT, control the Chip Enable or Write inputs of
CMOS RAM. When VCC is +5V, CE OUT follows CE IN with
a typical propagation delay of 20ns. When VCC falls below
the reset voltage threshold or VBATT, CE OUT is forced
high, independent of CE IN. CE OUT is an alternative signal
to drive the CE, CS, or Write input of battery-backed up
CMOS RAM. CE OUT can also be used to drive the Store
or Write input of an EEPROM, EAROM or NOVRAM to
achieve similar protection. Figure 6 shows the timing
diagram of CE IN and CE OUT.
CE IN can be derived from the microprocessor’s address
decoder output. Figure 7 shows a typical nonvolatile CMOS
RAM application.
Figure 7. A Typical Nonvolatile CMOS RAM Application
VCC
V1
CE IN
VOUT = VBATT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
1235 F06
CE OUT
BACKUP = VCC
+5V
+3V
0.1μF
10μF
VBATT
VCC
LTC1235
VOUT
GND
1235 F07
VCC
RESET
CE IN
CE OUT
BACKUP
0.1μF
TO μP
FROM DECODER
CS
20ns PROPAGATION DELAY
62512
RAM
+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com