| Electronic Components Datasheet Search |
|
LTC1276BCSW Datasheet(PDF) 17 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1276BCSW Datasheet(HTML) 17 Page - Linear Technology |
|
17 / 24 page ![]() 17 LTC1273 LTC1275/LTC1276 127356fa S APPLICATI I FOR ATIO OLD DATA DB7-DB0 NEW DATA DB7-DB0 TRACK HOLD DATA BUSY RD CS RD LTC1273/75/76 • F14 t8 t1 t2 t 3 t CONV t11 t9 t8 t9 t5 t1 t4 t5 t10 t10 t6 t7 t3 t7 t12 t12 HBEN NEW DATA DB11-DB8 Figure 14. Slow Memory Mode, Two Byte Read Timing Diagram Table 3. Slow Memory Mode, Two Byte Read Data Bus Status Data Outputs D7 D6 D5 D4 D3/11 D2/10 D1/9 D0/8 First Read DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Second Read Low Low Low Low DB11 DB10 DB9 DB8 that the 4MSBs appear on data output D11...D8 during both READ operations. ROM Mode, Parallel Read (HBEN = LOW) The ROM Mode avoids placing a microprocessor into a WAIT state. A conversion is started with a READ opera- tion, and the 12 bits of data from the previous conversion are available on data outputs D11...D0/8 (see Figure 15 and Table 4). This data may be disregarded if not re- quired. A second READ operation reads the new data (DB11...DB0) and starts another conversion. A delay at least as long as the ADC’s conversion time plus the 600ns minimum delay between conversions must be allowed between READ operations. ROM Mode, Two Byte Read As previously mentioned for a two byte read, only data outputs D7...D0/8 are used. Conversion is started in the normal way with a READ operation and the data output status is the same as the ROM mode, Parallel Read (see Figure 16 timing diagram and Table 5 data bus status). Two more READ operations are required to access the new conversion result. A delay equal at the ADCs’ conversion time must be allowed between conversion start and the third data READ operation. The second READ operation with HBEN high disables conversion start and places the high byte (4MSBs) on data outputs D3/11...D0/8. A third read operation accesses the low data byte (DB7...DB0) and starts another conversion. The 4MSBs appear on data outputs D11...D8 during all three read operations. MICROPROCESSOR INTERFACING The LTC1273/LTC1275/LTC1276 allow easy interfac- ing to digital signal processors as well as modern high speed, 8-bit or 16-bit microprocessors. Here are sev- eral examples. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |