Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5012N2LM Datasheet(PDF) 1 Page - Emerson Network Power

Part # AD5012N2LM
Description  Universal AC input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AD5012N2LM Datasheet(HTML) 1 Page - Emerson Network Power

  AD5012N2LM Datasheet HTML 1Page - Emerson Network Power AD5012N2LM Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 03.19.08
AD50 Medical Series
1 of 2
Embedded Power for
Business-Critical Continuity
AD50 Medical
Series
50 Watts
Special Features
• Universal AC input
• Fully regulated output
• EN61000-3-2 compliant
• Input power <74 watts
• Overcurrent and overvoltage
protection
• High efficiency
• High MTBF
• IEC320 AC input receptacle
3 pin (type C6) - AD5012N3LM
2 pin (type C8) - AD5012N2LM
• Built in EMI filter
• (CISPR 22 Class B)
• AC input fuse
• Complies with One Watt Input
Energy Star / Blue Angel
Requirement
• CE Mark EMC & LVD
Total Power:
50 Watts
Input Voltage:
90 - 264 VAC
# of Outputs:
single
Electrical Specifications
Safety
Input
Input range
90-264 Vac (wide range)
Frequency
47-63 Hz
Inrush current
60A maximum @ 230VAC, cold start 25C°
Input current
2 A maximum
Efficiency
80% typical
EMI/RFI
FCC Part 15, Class B & EN55022 (CISPR 22) Class B
Safety ground
leakage current
300μA maximum@ 50/60 Hz, 264 VAC input - AD5012N3L
100μA maximum@ 50/60 Hz, 264 VAC input - AD5012N2L
Output
Maximum Power (Po)
50 W
Hold-up time
17 ms. minimum at full load @ 100 Vac, 47 Hz
Overvoltage protection
16 - 20 V
Latching type, recycle AC to reset.
Overcurrent protection
Output short circuit protection auto recover
Overload protection @ 110 - 120% above maximum rating
Thermal protection
105° to 120°C Trip point; output will latch off
Cable/connector
DC cable length 2.5 mm center plug
DC plug center +v
DC plug outer -v
CSAUL
UL 60601-1
CSA
60601-1
VDE
60601-1
CE Mark LVD and EMC
RoHS
Operating temperature:
5° to +40°C ambient
Storage temperature:
-40°C to +70°C
Electromagnetic
susceptibility:
Designed to meet EN61000-4-2, -4, -5, level 4;
EN61000-4-3, -6, 10v/m; EN61000-4-8, -11; EN61000-3-3
and EN61000-3-2 Class A
Humidity:
Operating; non-condensing 10% to 90% RH
MTBF demonstrated:
>300,000 hours at full load and 25°C ambient conditions
Environmental Specifications


Similar Part No. - AD5012N2LM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AD5012N2LM ASTEC-AD5012N2LM Datasheet
472Kb / 2P
AD50 Medical Series
AD5012N2LM-0001 ASTEC-AD5012N2LM-0001 Datasheet
472Kb / 2P
AD50 Medical Series
More results

Similar Description - AD5012N2LM

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com