Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7216N2L Datasheet(PDF) 2 Page - Emerson Network Power

Part # AD7216N2L
Description  Universal AC input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AD7216N2L Datasheet(HTML) 2 Page - Emerson Network Power

  AD7216N2L Datasheet HTML 1Page - Emerson Network Power AD7216N2L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4. OUTPUT CABLE LENGTH = 1850 +50/-30mm
1. DC PLUG OUTER DIAMETER = 5.5±0.1mm
2. DC PLUG INNER DIAMETER = 2.1±0.15mm
3. DC PLUG LENGTH = 12.8±0.5mm
NOTES:
4.54”
(115.4)
±0.1
72.83”
(1850)
?5.5
Rev. 04.16.08
AD7216N2L
2 of 2
Embedded Power for
Business-Critical Continuity
Mechanical Drawing
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@
powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Ordering Information
Model
Number
Maximum
Power
Output
Voltage
Maximum
Load
Peak Load1
Regulation2
Ripple
P/P (PARD)3
AD7216N2L
72 W
16 V
4.5 A
4.75 A
±5%
<250mV
1. Peak current lasting <4 seconds with a maximum 10% duty cycle.
2. At 25
ºC including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20MHz bandwidth and 10μF (tantalum capacitor) in parallel with a 0.1μF capacitor at rated line
voltage and load ranges.
1.10" (H) x 2.0" (W) x 4.54" (L)
28.0 mm (H) x 51 mm (W) x 115.4 mm (L)
AC Input Connector: IEC320, C8 AC Input
power cord sold separately
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is
± 0.02" (±0.5 mm)
3. Warranty: 2 year
4. Weight: 0.65 lb./ 0.29 kg
5. AC input power cord sold separately.
6. Specifications at factory settings at 115VAC input,
25 °C unless otherwise stated
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com