Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH25 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEH25
Description  Ultra High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEH25 Datasheet(HTML) 1 Page - Emerson Network Power

  AEH25 Datasheet HTML 1Page - Emerson Network Power AEH25 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
300W
AEH25
Ultra High Efficiency
• High efficiency, 12V@ 93% (Typical)
• Industry Standard Half Brick baseplate design
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching
• Industry Std features: Input UVLO, OCP, OVP,
OTP; Short ckt protection; ±10% Output Adjust
• Positive or Negative enable logic control option
• Meets Basic Insulation
Environmental
Operating temperature
-40°C to +100°C Baseplate
Storage temperature: -55°C to +125°C
Overtemperature protection: 110°C typical
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
93% @ 12V (Typical)
Control
Enable
TTL compatible
(positive or negative enable logic
control options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and Noise1
120mV tyical
Remote Sense
Up to 10%Vout
Output Voltage Adjust
Range
±10% of nominal output
Transient Response
180mV typical output deviation
25% step change
300 µS recovery time
Overvoltage Protection
115% nominal output
Overcurrent Protection
116% Io nominal
Isolation Voltage
1500 Vdc
Safety
UL, cUL 60950 Recognized
TUV
EN60950 Licensed
Total Power:
300 Watts (12V @ 25A)
Input Voltages:
48 V
No. of Outputs:
Single


Similar Part No. - AEH25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH25 ASTEC-AEH25 Datasheet
117Kb / 2P
Ultra High Efficiency
AEH25B48-5 ASTEC-AEH25B48-5 Datasheet
117Kb / 2P
Ultra High Efficiency
AEH25B48-56 ASTEC-AEH25B48-56 Datasheet
117Kb / 2P
Ultra High Efficiency
AEH25B48-5T ASTEC-AEH25B48-5T Datasheet
117Kb / 2P
Ultra High Efficiency
AEH25B48-6 ASTEC-AEH25B48-6 Datasheet
117Kb / 2P
Ultra High Efficiency
More results

Similar Description - AEH25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH25 ASTEC-AEH25 Datasheet
117Kb / 2P
Ultra High Efficiency
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
100Watts, Ultra High Efficiency
logo
HY ELECTRONIC CORP.
HER20X HY-HER20X Datasheet
91Kb / 2P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
logo
Emerson Network Power
AEH80 EMERSON-NETWORKPOWER-AEH80 Datasheet
1Mb / 2P
Ultra High Efficiency
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
Ultra light load high efficiency
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF2001 HY-UF2001_17 Datasheet
135Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
High Efficiency (Ultra Fast) Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com