Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH60 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEH60
Description  Ultra High Efficiency Half Brick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEH60 Datasheet(HTML) 1 Page - Emerson Network Power

  AEH60 Datasheet HTML 1Page - Emerson Network Power AEH60 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
60Amps
AEH60
ALH60 (Open Frame)
Ultra High Efficiency Half Brick
• High efficiency, 3.3V@ 91% (Typical)
• Baseplate (AEH) or Open frame (ALH) design
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching
• Industry Std features: Input UVLO, OCP, OVP,
OTP; Short ckt protection; ±10% Output Adjust
• Positive or Negative enable logic control option
• Meets Basic Insulation
Environmental
Operating temperature
-40°C to +100°C Baseplate (AEH60)
-40°C to +85°C Ambient (ALH60)
Storage temperature: -55°C to +125°C
Overtemperature protection: 115°C PCB
Temperature (Typical)
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
91% @ 3.3V (Typical)
Control
Enable
TTL compatible
(positive or negative enable logic
control options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and Noise1
2% typical (100mVp-p max)
Remote Sense
Up to 10%Vout
Output Voltage Adjust
Range
±10% of nominal output
Transient Response
60mV typical output deviation
25% step change
150 µS recovery time
Overv Voltage
Protection
135% nominal output (latching)
Over Current
Protection
115% of full load (latching)
Over Temperature
Protection
Shutdown - autorecovery mode
Isolation Voltage
1500 Vdc
Safety
UL, cUL 60950 Recognized
TUV
EN60950 Licensed
Total Power:
200 Watts (3.3V @ 60A)
Input Voltages:
48 V
No. of Outputs:
Single


Similar Part No. - AEH60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEH60F48 ASTEC-AEH60F48 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
AEH60G48 ASTEC-AEH60G48 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEH60G48 ASTEC-AEH60G48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
More results

Similar Description - AEH60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
High Efficiency Half Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
High Efficiency Quarter Brick
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
logo
Vincotech
10-FZ122PB100SC02-M819F08 VINCOTECH-10-FZ122PB100SC02-M819F08 Datasheet
266Kb / 7P
High efficiency IGBT4 half-bridge
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
Half-brick Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com