Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1419CSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1419CSW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419CSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1419CSW Datasheet HTML 12Page - Linear Technology LTC1419CSW Datasheet HTML 13Page - Linear Technology LTC1419CSW Datasheet HTML 14Page - Linear Technology LTC1419CSW Datasheet HTML 15Page - Linear Technology LTC1419CSW Datasheet HTML 16Page - Linear Technology LTC1419CSW Datasheet HTML 17Page - Linear Technology LTC1419CSW Datasheet HTML 18Page - Linear Technology LTC1419CSW Datasheet HTML 19Page - Linear Technology LTC1419CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1419
1419fb
© LINEAR TECHNOLOGY CORPORATION 1997
LT 0506 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417● (408)432-1900
FAX: (408) 434-0507● TELEX: 499-3977 ● www.linear-tech.com
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
SW Package
28-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
PART NUMBER
DESCRIPTION
COMMENTS
LTC1278/79
Single Supply, 500ksps/600ksps ADCs
Low Power, 5V or
±5V Supply
LTC1400
High Speed, Serial 12-Bit ADC
400ksps, Complete with Internal Reference, SO-8 Package
LTC1409
Low Power, 12-Bit, 800ksps Sampling ADC
Best Dynamic Performance, fSAMPLE ≤ 800ksps, 80mW Dissipation
LTC1410
12-Bit, 1.25Msps Sampling ADC with Shutdown
Best Dynamic Performance, THD = 84dB and SINAD = 71dB at Nyquist
LTC1415
Single 5V, 12-Bit 1.25Msps ADC
Single Supply, 55mW Dissipation
LTC1604
16-Bit 333ksps ADC
±2.5V Inputs, Pin Compatible with the LTC1608
LTC1605
Single 5V, 16-Bit 100ksps ADC
Low Power,
±10V Inputs
LTC1606
16-Bit 250ksps ADC
±10V Inputs, Pin Compatible with the LTC1605
LTC1608
16-Bit 500ksps ADC
±2.5V Inputs, Pin Compatible with the LTC1604
RELATED PARTS
S28 (WIDE) 1098
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
BSC
0.014 – 0.019
(0.356 – 0.482)
TYP
NOTE 1
0.697 – 0.712*
(17.70 – 18.08)
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
25
26
11
12
22
21
20
19
18
17
16
15
23
24
14
13
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com