Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1446CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1446CS8
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1446CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1446CS8 Datasheet HTML 4Page - Linear Technology LTC1446CS8 Datasheet HTML 5Page - Linear Technology LTC1446CS8 Datasheet HTML 6Page - Linear Technology LTC1446CS8 Datasheet HTML 7Page - Linear Technology LTC1446CS8 Datasheet HTML 8Page - Linear Technology LTC1446CS8 Datasheet HTML 9Page - Linear Technology LTC1446CS8 Datasheet HTML 10Page - Linear Technology LTC1446CS8 Datasheet HTML 11Page - Linear Technology LTC1446CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1446/LTC1446L
TYPICAL APPLICATIONS N
An Autoranging 8-Channel ADC with Shutdown
LTC1296
VCC
50k
74HC04
5V
5V
CS
22
µF
µP
CLK
8 ANALOG
INPUT CHANNELS
DOUT
DIN
CH0
COM
SSO
REF –
CH7
REF+
50k
0.1
µF
100
Ω
100
Ω
LTC1446
CS/LD
CLK
DOUT
DIN
VOUT B
GND
VCC
1446/46L F03
VOUT A
0.1
µF
0.1
µF
2N3906
This circuit shows how to use one LTC1446 to make an
autoranging ADC. The microprocessor sets the reference
span and the Common pin for the analog input by loading
the appropriate digital code into the LTC1446. VOUT A
controls the Common pin for the analog inputs to the
LTC1296 and VOUTB controls the reference span by setting
the REF + pin on the LTC1296. The LTC1296 has a Shut-
down pin that goes low in shutdown mode. This will turn
off the PNP transistor supplying power to the LTC1446.
The resistor and capacitor on the LTC1446 outputs act as
a lowpass filter for noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com