Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALH80M48 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALH80M48
Description  Ultra High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALH80M48 Datasheet(HTML) 1 Page - Emerson Network Power

  ALH80M48 Datasheet HTML 1Page - Emerson Network Power ALH80M48 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
80Amps
AEH80
ALH80 (Open Frame)
Ultra High Efficiency
• Ultra High efficiency, 1.8V@87% (Typical)
• Open Frame (ALH80) and Baseplate (AEH80)
• Redundant In-line Output Pins Option
• Positive and Negative enable function
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (200 kHz)
Environmental
Operating temperature
-40°C to +100°C Baseplate (AEH80)
-40°C to +85°C Ambient Air (ALH80)
Storage temperature: -55°C to +125°C
Overtemperature protection: 115°C PCB
Temperature (Typical)
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
87%@1.8V (Typical)
Control
Enable
TTL compatible
(positive & negative enable
options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and noise
50mV p-p typical
Remote sense
Up to 10%Vout
Output voltage
adjust range
+/-10% of nominal output
Transient Response
4% deviation with
50% to 75% step load
300 µs recovery
Overvoltage Protection
130% nominal output
Safety
UL, CUL 60950 Recognized (Pending)
TUV
EN60950 Licensed (Pending)
PRELIMINARY
Total Power:
144 Watts (1.8V@80Amps)
Input Voltages:
48 V
No. of Outputs:
Single


Similar Part No. - ALH80M48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH80M48 ASTEC-ALH80M48 Datasheet
1Mb / 2P
80Amps
ALH80M48 ASTEC-ALH80M48 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
More results

Similar Description - ALH80M48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH25 ASTEC-AEH25 Datasheet
117Kb / 2P
Ultra High Efficiency
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
100Watts, Ultra High Efficiency
logo
HY ELECTRONIC CORP.
HER20X HY-HER20X Datasheet
91Kb / 2P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
logo
Emerson Network Power
AEH25 EMERSON-NETWORKPOWER-AEH25 Datasheet
117Kb / 2P
Ultra High Efficiency
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
Ultra light load high efficiency
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF2001 HY-UF2001_17 Datasheet
135Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
High Efficiency (Ultra Fast) Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com