Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1458CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1458CSW
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1458CSW Datasheet HTML 1Page - Linear Technology LTC1458CSW Datasheet HTML 2Page - Linear Technology LTC1458CSW Datasheet HTML 3Page - Linear Technology LTC1458CSW Datasheet HTML 4Page - Linear Technology LTC1458CSW Datasheet HTML 5Page - Linear Technology LTC1458CSW Datasheet HTML 6Page - Linear Technology LTC1458CSW Datasheet HTML 7Page - Linear Technology LTC1458CSW Datasheet HTML 8Page - Linear Technology LTC1458CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1458/LTC1458L
TEMPERATURE (
°C)
–55
–25
5
1458 G06
95
125
4.110
4.105
4.100
4.095
4.090
4.085
4.080
35
65
LTC1458 Full-Scale Voltage vs
Temperature
TEMPERATURE (
°C)
–55
–25
5
1458 G07
95
125
5
4
3
2
1
0
–1
–2
–3
–4
–5
35
65
LTC1458
Offset Voltage vs Temperature
TEMPERATURE (
°C)
–55
–25
5
1458 G05
95
125
950
940
930
920
910
900
890
880
870
860
850
35
65
VCC = 5.5V
VCC = 5V
VCC = 4.5V
LTC1458
Supply Current vs Temperature
X1/X2 C, X1/X2 D,X1/X2 A, X1/X2 B (Pins 1, 14, 16, 27):
The Input Pin that Sets the Gain for DAC C/D/A/B. When
grounded the gain will be 2, i.e., output full-scale will be
2 • REFHI. When connected to VOUT the gain will be 1, i.e.,
output full-scale will be equal to REFHI.
VOUT C, VOUT D, VOUT A, VOUT B (Pins 2, 13, 17, 26): The
Buffered DAC Outputs.
CS/LD (Pin 3): The Serial Interface Enable and Load
Control Input.
DIN (Pin 4): The Serial Data Input.
REFHI C, REFHI D, REFHI A, REFHI B,(Pins 5, 9, 20, 24):
The Inputs to the DAC Resistor Ladder for DAC C/D/A/B.
GND (Pins 6, 23): Ground.
REFLO C, REFLO D, REFLO A, REFLO B, (Pins 7, 8, 21,
22): The Bottom of the DAC Resistor Ladders for the
DACs. These can be used to offset zero-scale above
ground. REFLO should be connected to ground when no
offset is required.
DOUT (Pin 10): The Output of the Shift Register which
Becomes Valid on the Rising Edge of the Serial Clock.
CLK (Pin 11): The Serial Interface Clock Input.
VCC (Pins 15, 28): The Positive Supply Input. 4.5V ≤ VCC
≤ 5.5V (LTC1458), 2.7V ≤ VCC ≤ 5.5V (LTC1458L). Re-
quires a 0.1
µF bypass capacitor to ground.
REFOUT (Pin 19): The Output of the Internal Reference.
CLR (Pin 25): The Clear Pin. Clears all DACs to zero-scale
when pulled low.
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com