Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1102 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TCET1102
Description  Optocoupler with Phototransistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1102 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TCET1102 Datasheet HTML 3Page - Vishay Siliconix TCET1102 Datasheet HTML 4Page - Vishay Siliconix TCET1102 Datasheet HTML 5Page - Vishay Siliconix TCET1102 Datasheet HTML 6Page - Vishay Siliconix TCET1102 Datasheet HTML 7Page - Vishay Siliconix TCET1102 Datasheet HTML 8Page - Vishay Siliconix TCET1102 Datasheet HTML 9Page - Vishay Siliconix TCET1102 Datasheet HTML 10Page - Vishay Siliconix TCET1102 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TCET110.(G) up to TCET4100
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
8 (11)
Document Number 83503
Rev. A6, 08–Sep–99
110
0
0.2
0.4
0.6
0.8
1.0
IC – Collector Current ( mA )
100
CTR=50%
20%
10%
95 11028
Figure 12. Collector Emitter Saturation Voltage vs.
Collector Current
0.1
1
10
1
10
100
1000
IF – Forward Current ( mA )
100
95 11029
VCE=5V
Figure 13. Current Transfer Ratio vs. Forward Current
02
4
6
0
2
4
6
8
10
IC – Collector Current ( mA )
10
95 11030
Non Saturated
Operation
VS=5V
RL=100W
toff
ton
Figure 14. Turn on / off Time vs. Collector Current
0
5
10
15
0
10
20
30
40
50
IF – Forward Current ( mA )
20
95 11031
Saturated Operation
VS=5V
RL=1kW
toff
ton
Figure 15. Turn on / off Time vs. Forward Current
ET1100
820UTK63
Type
Date
Code
Coupling
System
Indicator
Company
Logo
Production
Location
15081
Pin1 Indication
(YM)
Figure 16. Marking example



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com