Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIF-PFCSERIES Datasheet(PDF) 2 Page - Emerson Network Power

Part # AIF-PFCSERIES
Description  Unity power factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIF-PFCSERIES Datasheet(HTML) 2 Page - Emerson Network Power

  AIF-PFCSERIES Datasheet HTML 1Page - Emerson Network Power AIF-PFCSERIES Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Ordering Information
Model Number
Description
Notes
AIF04ZPFC-01L
1600W Low Profile PC Module
For parallel operation the total input current must be
<16Arms.
AIF04ZPFC-02L
1600W Low Profile PC Module
Designed for parallel operation where the total input
current >16Arms, requires external rail rectifiers.
AIF04ZPFC-01NL
Negative Enable
AIF04ZPFC-01NL
Negative Enable
1. Fon Non-thread hole, add suffix “-NT”.
Pin Assignments
Input (AC) Output (DC)
Control Pins
31. L1
21. Positive
1. PV Aux -
32. L1
22. Positive
2. Temp Mon
33. L2
23. Negative
3. C Mon
34. L2
24. Negative
4. C Share
5. Clk Out
6. Clk In
7. PV Aux +
8. SDA
9. SCL
10. DC Enable
11. V Adj
12. PFW Adj
13. S Gnd
14. PFW
15. LD Enable
16. PF Enable
Mechanical Drawing
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.astecpower.com
www.artesyn.com
technicalsupport@astec.com
technicalsupport@artesyn.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Operating temperature
-20°C to +100°C (baseplate temperature)
Startup temperature
-40°C to +100°C (baseplate temperature)
Storage temperature
-40°C to +120°C
Overtemperature protection 120°C max
MTBF
1million hours
Environmental Specifications
Rev. 05.22.07
AIF-PFC Series
2 of 2
Specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com