Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO20F36N Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALO20F36N
Description  Wide Range Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO20F36N Datasheet(HTML) 1 Page - Emerson Network Power

  ALO20F36N Datasheet HTML 1Page - Emerson Network Power ALO20F36N Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
66Watts
ALO20F36
Wide Range Input
• 2.3” x 0.9” Industry Standard 8th brick outline
• Wide Operating Input Voltage Range
• Regulation to zero load
• High Efficiency
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, Output
VoltageTrim, Differential Remote Sense
• Meets Basic Insulation
• EU Directive 2002/95/EC compliant for RoHS
Environmental
Operating Ambient Temperature
Openframe: -40°C to +85°C Ambient
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
19 to 60 VDC
Input Surge
100V /100ms
Efficiency2
91% @ 3.3V (typical)
Output
Line / Load Regulation
< 0.1% VO (typical)
Load Current
Up to 20A
Noise/Ripple1
50mVPK-PK (typical)
Transient Response
3% typical deviation
(50% to 75% Step Load)
< 200
µs settling time
Over Voltage Protection
125% VO Typ (autorecovery)
Over Current Protection
125% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
400KHz
Isolation Voltage
1500Vdc
Control
Output Voltage Trim
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative Logic)
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
Total Power:
66 Watts
Input Voltages:
19 - 60V
No. of Outputs:
Single
03.09.07


Similar Part No. - ALO20F36N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO20F36 ASTEC-ALO20F36 Datasheet
118Kb / 2P
Meets Basic Insulation
More results

Similar Description - ALO20F36N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
KQWS DIWELL-KQWS Datasheet
1Mb / 7P
40W WIDE INPUT RANGE
2016/03/11
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
PCW DIWELL-PCW Datasheet
801Kb / 5P
5W WIDE INPUT RANGE
2015/01/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com