Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15633 Datasheet(PDF) 13 Page - Linear Technology

Part # 15633
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

15633 Datasheet(HTML) 13 Page - Linear Technology

Back Button 15633 Datasheet HTML 9Page - Linear Technology 15633 Datasheet HTML 10Page - Linear Technology 15633 Datasheet HTML 11Page - Linear Technology 15633 Datasheet HTML 12Page - Linear Technology 15633 Datasheet HTML 13Page - Linear Technology 15633 Datasheet HTML 14Page - Linear Technology 15633 Datasheet HTML 15Page - Linear Technology 15633 Datasheet HTML 16Page - Linear Technology 15633 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1563-2/LTC1563-3
156323fa
Figure 5. 4th Order Filter Connections (Power Supply, Ground,
EN and LP Connections Not Shown for Clarity). Table 1 Shows
Resistor Values
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LP
SA
NC
INVA
NC
LPA
AGND
V–
V+
LPB
NC
INVB
NC
SB
NC
EN
VOUT
LTC1563-2
VIN
1563 F05
R31
R32
R22
R21
R11
R12
4th Order Filter Responses Using the LTC1563-2
FREQUENCY (Hz)
0.1
–20
–40
–60
–80
–90
10
0
10
1
1563 F05a
NORMALIZED TO fC = 1Hz
BUTTERWORTH
0.5dB RIPPLE
CHEBYSHEV
0.1dB RIPPLE
CHEBYSHEV
Figure 5a. Frequency Response
FREQUENCY (Hz)
0.1
–2
–4
–6
–8
–10
1
0
2
1
1563 F05b
BUTTERWORTH
0.5dB RIPPLE
CHEBYSHEV
0.1dB RIPPLE
CHEBYSHEV
NORMALIZED TO fC = 1Hz
Figure 5b. Passband Frequency Response
TIME (s)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
1.0
0.5
1.5
2.0
1563 F05c
2.5
3.0
BUTTERWORTH
0.5dB RIPPLE
CHEBYSHEV
0.1dB RIPPLE
CHEBYSHEV
NORMALIZED TO fC = 1Hz
Figure 5c. Step Response
Table 1. Resistor Values, Normalized to 256kHz Cutoff Frequency (fC), Figure 5. The Passband
Gain, of the 4th Order LTC1563-2 Lowpass Filter, Is Set to Unity. (Note 1)
0.1dB RIPPLE
0.5dB RIPPLE
BUTTERWORTH
CHEBYSHEV
CHEBYSHEV
LP Mode Max fC
25.6kHz
15kHz
13kHz
HS Mode Max fC
256kHz
135kHz
113kHz
R11 = R21 =
10k(256kHz/fC)
13.7k(256kHz/fC)
20.5k(256kHz/fC)
R31 =
10k(256kHz/fC)
10.7k(256kHz/fC)
12.4k(256kHz/fC)
R12 = R22 =
10k(256kHz/fC)
10k(256kHz/fC)
12.1k(256kHz/fC)
R32 =
10k(256kHz/fC)
6.81k(256kHz/fC)
6.98k(256kHz/fC)
Example: In HS mode, 0.1dB ripple Chebyshev, 100kHz cutoff frequency, R11 = R21 = 35k
≅ 34.8k (1%),
R31 = 27.39k
≅ 27.4k (1%), R12 = R22 = 256k ≅ 255k (1%), R32 = 17.43k ≅ 17.4k (1%)
Note 1: The resistor values listed in this table provide good approximations of the listed transfer functions. For the
optimal resistor values, higher gain or other transfer functions, use FilterCAD Version 3.0 (or newer) or contact the
Linear Technology Filter Applications group for assistance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com