Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C32X2-VCKB Datasheet(PDF) 48 Page - TEMIC Semiconductors

Part # TS80C32X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VCKB Datasheet(HTML) 48 Page - TEMIC Semiconductors

Back Button TS80C32X2-VCKB Datasheet HTML 44Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 45Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 46Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 47Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 48Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 49Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 50Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 51Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 52Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
48
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Table 29. AC Parameters for a Variable Clock
10.4.5 External Data Memory Write Cycle
Figure 18. External Data Memory Write Cycle
Symbol
Type
Standard
Clock
X2 Clock
-M
-V
-L
Units
TRLRH
Min
6 T - x
3 T - x
45
15
100
ns
TWLWH
Min
6 T - x
3 T - x
45
10
100
ns
TRLDV
Max
5 T - x
2.5 T - x
25
23
95
ns
TRHDX
Min
x
x
0
0
0
ns
TRHDZ
Max
2 T - x
T - x
35
20
60
ns
TLLDV
Max
8 T - x
4T -x
40
33
90
ns
TAVDV
Max
9 T - x
4.5 T - x
60
50
90
ns
TLLWL
Min
3 T - x
1.5 T - x
35
20
60
ns
TLLWL
Max
3 T + x
1.5 T + x
35
15
60
ns
TAVWL
Min
4 T - x
2 T - x
60
40
100
ns
TQVWX
Min
T - x
0.5 T - x
22
17
32
ns
TQVWH
Min
7 T - x
3.5 T - x
30
27
70
ns
TWHQX
Min
T - x
0.5 T - x
15
10
30
ns
TRLAZ
Max
x
x
0
0
0
ns
TWHLH
Min
T - x
0.5 T - x
20
12
30
ns
TWHLH
Max
T + x
0.5 T + x
20
12
30
ns
TQVWH
TLLAX
ALE
PSEN
WR
PORT 0
PORT 2
A0-A7
DATA OUT
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TQVWX
ADDRESS A8-A15 OR SFR P2
TWHQX
TWHLH
TWLWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com