Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASA Datasheet(PDF) 1 Page - Emerson Network Power

Part # ASA
Description  ASA 6W Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ASA Datasheet(HTML) 1 Page - Emerson Network Power

  ASA Datasheet HTML 1Page - Emerson Network Power ASA Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ASA Series
6 Watts
Special Features
•Encapsulated
• Wide 4:1 input range
• 1.25" X 0.8” DIP package
• 1500Vdc I/O isolation
• Single and Dual output
Total Power:
6 Watts
Input Voltage: 12V, 24V or 48V
# of Outputs:
Single, Dual
Electrical Specifications
Safety
Input
Input range
9 to 36 VDC; 18 to 75 VDC
Efficiency2
81%@5Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.5%
Load regulation
Single output: 1% @ 3.3Vo
Other: ± 0.5%
Dual output: ± 3.0%
Noise/ripple
3.3Vo, 5Vo: 100mV
12Vo: 120mV
15Vo: 150mV
Short circuit protection
Auto-restart
Switching frequency
250KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance
10Mohm
Insulation capacitance
1000pF
CE Mark
Rev. 06.15.06
ASA 6W Series
1 of 2
Operating ambient temperature range
-40°C to +71°C (no derating)
Storage temperature
-55°C to +105°C
Humidity
5% to 95% (non-condensing)
MTBF
1 Mhrs demonstrated MTBF
RoHS Compliant
Environmental Specifications
RoHS


Similar Part No. - ASA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
logo
Polymaker Industrial
ASA POLYMAKER-ASA Datasheet
152Kb / 2P
PolyLite™ ASA
Jan. 2019 Version 4.1
More results

Similar Description - ASA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM277N7-36306 EVERLIGHT-XUAN1313-KM277N7-36306 Datasheet
825Kb / 24P
XUAN 1313 36V/6W series
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
XUAN 1313 36V/6W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
XUAN 1313 36V/6W series
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
36V/6W series
XUAN1313-KM457N8-36306 EVERLIGHT-XUAN1313-KM457N8-36306 Datasheet
825Kb / 24P
36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
36V/6W series
November.27.2013
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
36V/6W series
November.27.2013
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
36V/6W series
November.27.2013
logo
Laird Tech Smart Techno...
PDQ244915 LSTD-PDQ244915 Datasheet
1Mb / 3P
Ultra thin, compact ASA UV stable white housing
logo
Everlight Electronics C...
GXUAN1313 EVERLIGHT-GXUAN1313 Datasheet
925Kb / 21P
36V/6W V3 series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com