Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1606 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1606
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1606 Datasheet HTML 2Page - Linear Technology LTC1606 Datasheet HTML 3Page - Linear Technology LTC1606 Datasheet HTML 4Page - Linear Technology LTC1606 Datasheet HTML 5Page - Linear Technology LTC1606 Datasheet HTML 6Page - Linear Technology LTC1606 Datasheet HTML 7Page - Linear Technology LTC1606 Datasheet HTML 8Page - Linear Technology LTC1606 Datasheet HTML 9Page - Linear Technology LTC1606 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1606
1606fa
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
4.5
13.5
14.0
14.5
15.0
15.5
16.0
16.5
4.75
5.0
5.25
5.5
1606 G01
fSAMPLE = 250kHz
TEMPERATURE (
°C)
–50
14.0
14.5
15.0
15.5
16.0
–25
0
25
50
1606 G02
75
100
fSAMPLE = 250kHz
LOAD CURRENT (mA)
–15
0.02
0.06
0.10
1
1606 G03
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
–11
–13
–7
–9
–3 –1
3
–5
5
Supply Current vs Temperature
Change in CAP Voltage
vs Load Current
Typical INL Curve
Typical DNL Curve
Power Supply Rejection
vs Ripple Frequency
CODE
0
0
1.0
65535
1606 G04
–1.0
–2.0
16384
32768
49152
2.0
–0.5
0.5
–1.5
1.5
CODE
0
0
1.0
65535
1606 G04
–1.0
–2.0
16384
32768
49152
2.0
–0.5
0.5
–1.5
1.5
RIPPLE FREQUENCY (Hz)
110
–30
–10
–20
100
1k
10k
100k
1M
LT1606 G06
–40
–50
–60
–70
0
fSAMPLE = 250kHz
Nonaveraged 4096 Point FFT Plot
FREQUENCY (kHz)
0
–50
–30
–10
100
1606 G07
–70
–90
–110
–130
–40
–20
0
–60
–80
–100
–120
25
50
75
125
fSAMPLE = 250kHz
fIN = 1.04kHz
SINAD = 90dB
THD = –100dB
SINAD vs Input Frequency
FREQUENCY (kHz)
1
60
80
85
90
10
100
1000
1606 G08
75
70
65
fSAMPLE = 250kHz
Total Harmonic Distortion (THD)
vs Input Frequency
FREQUENCY (kHz)
1
–110
–80
–70
–60
10
100
1000
1606 G09
–90
–100
fSAMPLE = 250kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com