Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCYS6201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCYS6201
Description  Transmissive Optical Sensor with Schmitt Trigger Logic Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCYS6201 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCYS6201 Datasheet HTML 1Page - Vishay Siliconix TCYS6201 Datasheet HTML 2Page - Vishay Siliconix TCYS6201 Datasheet HTML 3Page - Vishay Siliconix TCYS6201 Datasheet HTML 4Page - Vishay Siliconix TCYS6201 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TCYS6201
Vishay Telefunken
www.vishay.com
2 (5)
Rev. A5, 08–Jun–99
Document Number 83771
Absolute Maximum Ratings (Tamb = 25°C)
Parameter
Test Conditions
Symbol
Value
Unit
Supply voltage
VS
16
V
Output voltage
VO
30
V
Low level output current
IOL
20
mA
Operation temperature range
Tamb
–25 to +85
°C
Storage temperature range
Tstg
–40 to +100
°C
Electrical Characteristics (Tamb = 25°C)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
VS
4.5
5.5
V
High level supply current
VS = 5 V 1)
IS
15
30
mA
Low level supply current
VS = 5 V 2)
IS
15
30
mA
High level output voltage
VS = 5 V, RL = 1 kW 1)
VOH
4.5
V
Low level output voltage
VS = 5 V, IOL = 16 mA 2)
VOL
0.18
0.35
V
Switching frequency
VS = 5 V, RL = 47 kW
f
3
KHz
1) Infrared beam interrupted
2) Infrared beam not interrupted
Note: Operating conditions are stabilized after 100
ms of supply voltage turn on.
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Rise time
VS = 5 V, RL = 1 kW (see figure 1)
tr
50.0
ns
Fall time
S
L
tf
20.0
ns
VS = 5 V
0.1
µF
C
RL = 1 kΩ
IS
IO
VO
15138
1
3
2
Figure 1. Test circuit and pin connection
50%
0
90%
10%
VO
95 10799
tf
tr
Figure 2. Pulse diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com