Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXA40 Datasheet(PDF) 3 Page - Emerson Network Power

Part # BXA40
Description  Pin-compatible with NFC40 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA40 Datasheet(HTML) 3 Page - Emerson Network Power

  BXA40 Datasheet HTML 1Page - Emerson Network Power BXA40 Datasheet HTML 2Page - Emerson Network Power BXA40 Datasheet HTML 3Page - Emerson Network Power BXA40 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.03.08.07
bxa40s
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Nominal line, at no load.
2
Low line to high line at full load.
3
Full load to no-load at nominal line.
4
For conducted noise operation of the BXA40 to VDE0871, VDE0878 and
EN55022 level B, see BXA40 Design Note 101.
5
Reverse voltage protection can be implemented by putting a slow blow fuse on
the positive input rail. Rate the fuse at 200 Vdc,1.5 A for 48 Vdc inputs and 100
V, 4.5 A for 24 Vdc input units.
6
The maximum operating ambient temperature, without derating depends on
internal power dissipation and hence efficiency and cooling method. Download
BXA40 Design Note 101 which provides detailed thermal calculations and
design-in hints from the Artesyn website.
7
Do not exceed a dv/dt rate of 100 V per second at the trim pin input if output
current is less than 0.4% lo max.
8
Remote sense is offered as standard on the 2.9 V and 3.3 V products. The
BXA40-24S05J and BXA40-48S05J come with remote sense as an option.
Remote sense design is designated by the suffix ‘-S’ e.g. BXA40-48S05-SMJ (for
units with metric inserts), BXA40-48S05-SJ (for units with imperial inserts). For
models without remote sense option, pin 5 and pin 6 are absent.
9
Overvoltage protection is 118% on 3.3 V output model.
10 For 2.9 V output, no short circuit protection above 90
°C baseplate temp.
11 Transient response, 25% to 100% load, 10% for 2.9 V and 3.3 V models.
12 Units with the suffix ‘-M’ at the end of the model number are offered as
standard with metric threaded inserts (M3). To order units with imperial
threaded inserts (4-40 UNC) please remove the suffix ‘-M’ from the model
number. These inserts are used for bolting the unit to a PCB and/or fixing
heatsinks.
13 An external filter capacitor is necessary for safe operation of the 24 V input
models. It is also suggested that an external filter capacitor be used on the 48 V
input models. A 4 μF (or greater) film capacitor such as: ITW Paktron Capstick
series, part number 405K100CS4 4 μF/100 V is recommended, if filtering is not
used. See BXA40 Design Note 101.
14 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
15 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT (MAX.)
CURRENT (1)
EFFICIENCY
LINE (2)
LOAD (3)
NUMBER (12,14,15)
18-36 Vdc
3.3 V
7 A
70 mA
75%
0.3%
1.0%
BXA40-24S3V3-SMJ (8)
18-36 Vdc
5 V
8 A
40 mA
81%
0.3%
1.0%
BXA40-24S05-MJ (8)
36-75 Vdc
2.9 V
6.9 A
40 mA
77%
0.3%
1.0%
BXA40-48S2V9-SMJ (8)
36-75 Vdc
5 V
8.0 A
30 mA
82%
0.3%
1.0%
BXA40-48S05-MJ (8)
36-75 Vdc
12 V
3.3 A
30 mA
87%
0.3%
1.0%
BXA40-48S12-MJ
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
1
+ Input
2
– Input
3
Control
4
No Connection
5
- Sense (8)
6
+ Sense (8)
7+ Output
8
Common
9Trim
10K
Ω
TRIMPOT
TRIM
DOWN
TRIM
UP
7
9
8
7
9
8
RT1
OR
RT2
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed
by ±10% using either method shown below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com