Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXB50 Datasheet(PDF) 3 Page - Emerson Network Power

Part # BXB50
Description  Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXB50 Datasheet(HTML) 3 Page - Emerson Network Power

  BXB50 Datasheet HTML 1Page - Emerson Network Power BXB50 Datasheet HTML 2Page - Emerson Network Power BXB50 Datasheet HTML 3Page - Emerson Network Power BXB50 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.03.08.07
bxb50s
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Measured with 10 μF tantalum capacitor and 1 μF ceramic capacitor across
output.
2
di/dt = 0.1 A/1 μs, Vin = 48 Vdc, Tc = 25 °C, load change = 0.5 lo max. to 0.75 lo
max. and 0.75 lo max. to 0.5 lo max.
3
Units should be characterised within systems. External components required.
4
Input fusing is recommended based on surge current and maximum input
current.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Simulated source impedance of 12
μH. 12 μH inductor in series with +Vin.
7
Active high remote on/off option is available (standard product is active low),
designate with the suffix ‘FHT’ e.g. BXB50-48S05FHTJ. Consult factory for
further details and options.
8
Start-up into resistive load.
9
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
10 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative
PROTECTION
Short circuit
Continuous, automatic recovery
Overvoltage
Non-latching
Undervoltage
Non-latching
Thermal
110 °C baseplate,
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (7,9,10)
(MAX.)
(MIN.)
(MAX.)
33 W
18-36 Vdc
4.3 Vdc
3.3 V
0 A
10 A
76%
±0.05%
±0.10%
BXB50-24S3V3FLTJ
50 W
18-36 Vdc
14.5 Vdc
12 V
0 A
4.16 A
83%
±0.05%
±0.10%
BXB50-24S12FLTJ
50 W
18-36 Vdc
17.5 Vdc
15 V
0 A
3.33 A
83%
±0.05%
±0.10%
BXB50-24S15FLTJ
33 W
36-75 Vdc
4.3 Vdc
3.3 V
0 A
10 A
77%
±0.05%
±0.10%
BXB50-48S3V3FLTJ
50 W
36-75 Vdc
6.5 Vdc
5 V
0 A
10 A
82%
±0.05%
±0.10%
BXB50-48S05FLTJ
50 W
36-75 Vdc
14.5 Vdc
12 V
0 A
4.16 A
84%
±0.05%
±0.10%
BXB50-48S12FLTJ
EXTERNAL OUTPUT TRIMMING
Output can be externally
trimmed by using the
method shown.
TRIM
UP
TRIM
DOWN
8
7
6
RT1
OR
RT2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com