Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXB75 Datasheet(PDF) 1 Page - Emerson Network Power

Part # BXB75
Description  Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXB75 Datasheet(HTML) 1 Page - Emerson Network Power

  BXB75 Datasheet HTML 1Page - Emerson Network Power BXB75 Datasheet HTML 2Page - Emerson Network Power BXB75 Datasheet HTML 3Page - Emerson Network Power BXB75 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The BXB75 Series are high power density dc-dc converters
packaged in the industry standard footprint (2.40 x 2.28 x 0.50
inches) to give designers optimum choices when specifying for
both new and replacement designs. Suitable for a wide range of
applications in nearly any industry, the BXB75 was particularly
designed with communication and distributed power applications
in mind. Using Bellcore 332, the MTBF is greater than 1,400,000
hours. Aluminum baseplate technology with four threaded M3
inserts makes heatsink attachment and optimum thermal
management easy. The BXB75 series is approved to IEC950 by UL,
CSA and VDE.
Embedded Power for
Business-Critical Continuity
BXB75 Series
Single output
Special Features
• Industry standard footprint
MTBF >1.4 million hours
(Bellcore 332)
• Input voltage to ETS300-132-2
• Adjustable output voltage
• No minimum load required
• Separate case ground pin
• 2:1 input range for battery
powered applications
• Undervoltage lockout (UVLO)
• UL, VDE and CSA safety
approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
50 - 75W
Input Voltage: 36 - 75VDC
# of Outputs:
Single
Safety
VDE0805/EN60950/IEC950
File No. 10401-3336-0205
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
Rev.03.08.07
bxb75s
1 of 4


Similar Part No. - BXB75

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXB75 ARTESYN-BXB75 Datasheet
50Kb / 2P
Single output
BXB75-24S05FLT ARTESYN-BXB75-24S05FLT Datasheet
50Kb / 2P
Single output
BXB75-24S12FLT ARTESYN-BXB75-24S12FLT Datasheet
50Kb / 2P
Single output
BXB75-24S15FLT ARTESYN-BXB75-24S15FLT Datasheet
50Kb / 2P
Single output
BXB75-24S3V3FLT ARTESYN-BXB75-24S3V3FLT Datasheet
50Kb / 2P
Single output
More results

Similar Description - BXB75

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXB50 EMERSON-NETWORKPOWER-BXB50 Datasheet
242Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
Industry standard footprint
BXB150 EMERSON-NETWORKPOWER-BXB150 Datasheet
296Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
Industry standard footprint and pinout
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
Industry Standard Footprint
logo
Delta Electronics, Inc.
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
Industry standard footprint and pinout
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
PFC375 BEL-PFC375 Datasheet
691Kb / 6P
Greater than 1 million hours demonstrated MTBF
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
Industry-standard footprint and pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com