Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVC06K05 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AVC06K05
Description  20w Ultra Low Profile - 6.0mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AVC06K05 Datasheet(HTML) 1 Page - Emerson Network Power

  AVC06K05 Datasheet HTML 1Page - Emerson Network Power AVC06K05 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AVC Series
20 Watts
Special Features
• Ultra Low Profile - 6.0mm
• POL appllication
• Efficiency - 93% @ 3.3V
• -40°C to +85°C Operating
temperature(Ambient)
• Open Frame SMT
• Low output ripple and noise
• Regulation to zero load
• Pb-free reflow compatible
and ROHS compliant
Total Power:
20 Watts
Input Voltage: 3.3V, 5V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
2.97 - 3.63VDC for 3.3V
4.5 - 5.5VDC for 5V
Efficiency
93% @ 3.3Vo, 4A
Output
Ripple
50mV p-p for 5Vin
40mV p-p for 3.3Vin
Output voltage adjust
±10% of Vonom
Isolation
Non-Isolated model
Control
Enable
ON: On/Off pin open
OFF: On/Off pin connected to GND
None
Rev. 09.21.05
AVC Series
1of 2
Ambient Operating temperature
-40°C to +80°C (forced air 0.2m/s)
Storage temperature
-45°C to +90°C
Environmental Specifications


Similar Part No. - AVC06K05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AVC06K05 ASTEC-AVC06K05 Datasheet
78Kb / 2P
20 Watts Embedded Power
AVC06K05 ASTEC-AVC06K05 Datasheet
357Kb / 16P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
More results

Similar Description - AVC06K05

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AUG EMERSON-NETWORKPOWER-AUG Datasheet
91Kb / 2P
20w Ultra Low Profile - 4.8mm
logo
List of Unclassifed Man...
NSYCRS25W120V ETC2-NSYCRS25W120V Datasheet
49Kb / 1P
Climasys Ultra thin resistance heater low starting current 20W 120V 130x250mm
NSYCRS25W240V ETC2-NSYCRS25W240V Datasheet
49Kb / 1P
Climasys Ultra thin resistance heater low starting current 20W 240V 130x250mm
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
Ultra Low Profile
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
Ultra Low Profile 0805
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
logo
SeCoS Halbleitertechnol...
KS03LL4 SECOS-KS03LL4 Datasheet
332Kb / 3P
20W, 3V Ultra Low Capacitance ESD Protection for High- Speed Interfaces
SBESD0801S-12 SECOS-SBESD0801S-12 Datasheet
266Kb / 2P
20W, 12V Ultra Low Capacitance Transient Voltage Suppressors
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com