Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXB100 Datasheet(PDF) 2 Page - Emerson Network Power

Part # BXB100
Description  Industry standard footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXB100 Datasheet(HTML) 2 Page - Emerson Network Power

  BXB100 Datasheet HTML 1Page - Emerson Network Power BXB100 Datasheet HTML 2Page - Emerson Network Power BXB100 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev.10.16.08_121
BXB100 Series
2 of 3
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
OutputContinued
Rippleandnoise:
5Hz-20MHz(seenote1)
3.3Vand5V
75mVpk-pk,
20mVrms
12Vand15V
100mVpk-pk,
30mVrms
Temperaturecoefficient:
±0.01%/
ºC
Transientresponse:
(see note 2)
±2.0%max.deviation
170µsrecovery
towithin±1.0%
RemoteSense:
0.5Vdstransmission
line drop compensation
Thermalperformance:
Operatingcasetemp.
-40
ºCto+100ºC
Non-operating
-55
ºCto+125ºC
Altitude:
Operating
10,000feetmax.
Non-operating
40,000feetmax.
Vibration:
5-500Hz
2.4Grms(approx.)
EnvironmentalSpecifications
GeneralSpecifications
Efficiency:
See table
Isolationvoltage:
Input/case
1500Vdc
Input/output
1500Vdc
Output/case
1500Vdc
Switchingfrequency:
Fixed
500kHztyp.
Approvalsandstandards:
(see note 5)
VDE0805,EN60950,IEC950
UL1950,CSAC22.2No.950
Casematerial:
Aluminumbaseplatewithplasticcase
Materialflammability:
UL94V-0
Weight:
110g(3.88oz)
MTBF:
Bellcore332
1,400,000hours
MIL-HDBK-217F
580,000hoursmin.
@40°C,100%load
EMCCharateristics
Conductedemissions:
(see note 3)
EN55022(Seenote3)
LevelA
FCCpart15
LevelA
EN55022,CISPR22
LevelA
Protection
Short-circuit:
Continuous,automaticrecovery
Overvoltage:
Non-latching
Undervoltage:
Non-latching
Thermal:
110°Cbaseplate,automaticrecovery
TelecomSpecifications
CentralofficeinterfaceA:
ETS300-132-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com