Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA10 Datasheet(PDF) 1 Page - Emerson Network Power

Part # CXA10
Description  4:1 input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXA10 Datasheet(HTML) 1 Page - Emerson Network Power

  CXA10 Datasheet HTML 1Page - Emerson Network Power CXA10 Datasheet HTML 2Page - Emerson Network Power CXA10 Datasheet HTML 3Page - Emerson Network Power CXA10 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The CXA10 series comprising of five different models delivers
single and dual output voltages covering 3.3 V, 5 V, 12 V, ±5 V, ±12
V and ±15 V. The series has a wide 4:1 input voltage range of
18Vdc to 75 Vdc. The CXA10 has been designed as a competitive
open-frame alternative for the communications market. The
product is supplied in the industry standard footprint of 2.0 x 1.0 x
0.394 inches. Other product features include overvoltage
protection, short-circuit protection and remote ON/OFF.
All components are placed in a fully automated environment.
Planar magnetics are used in the design to improve the reliability
and reduce the profile of the dc-dc converter. The series has full
international safety approvals reducing system compliance costs,
and it has a basic insulation system from input to output making it
suitable for a wide variety of applications.
Embedded Power for
Business-Critical Continuity
CXA10
Single output
Special Features
• 4:1 input voltage range
• Operating ambient
temperature of -40°C to
+70°C in still air
• High demonstrated reliability
with conservative
component deratings
• Complies with
ETS 300 019-1-3/2-3
• Complies with ETS 300 132-2
input voltage and current
requirements
• Fully compliant with
ETS 300 386-1
• Pin compatible with NFC10
and BXA10 series
• Basic insulation system
(input to output)
• 2 year warranty
Total Power:
10W
Input Voltage: 18 - 75VDC
# of Outputs:
Single
Safety
UL/cUL CAN/CSA 22.2
No. 60950-00 : UL 60950-1
File No. E132002
VDE Certificate No.112607.
File No. 1040100-3336-0136
CB Report and Certificate to
IEC60950-1, #DE 1-30686
Rev.12.04.07
cxa10
1 of 4


Similar Part No. - CXA10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
10W DC/DC Converters
CXA10-48D05 ARTESYN-CXA10-48D05 Datasheet
50Kb / 2P
10W DC/DC Converters
CXA10-48D05J ARTESYN-CXA10-48D05J Datasheet
253Kb / 4P
Embedded Power for Business-Critical Continuity
CXA10-48D12 ARTESYN-CXA10-48D12 Datasheet
50Kb / 2P
10W DC/DC Converters
CXA10-48D12J ARTESYN-CXA10-48D12J Datasheet
253Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - CXA10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
4 1 Wide Input Voltage Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
4:1 Wide Input Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
4:1 Wide Input Voltage Range
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
4:1 Ultra Wide Input Voltage Range
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
2:1 Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
Ultra Wide 4:1 Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com