Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXE15 Datasheet(PDF) 1 Page - Emerson Network Power

Part # CXE15
Description  15 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXE15 Datasheet(HTML) 1 Page - Emerson Network Power

  CXE15 Datasheet HTML 1Page - Emerson Network Power CXE15 Datasheet HTML 2Page - Emerson Network Power CXE15 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS 15 W High Efficiency DC-DC Converters
1
2 YEAR WARRANTY
CXE15 Series
Single output
• High efficiency topology, 87% typical at 5 V
• Industry standard footprint
• Wide operating temperature, up to and exceeding 65 ˚C
(natural convection)
• 90% to 110% output trim
• No minimum load
• Overvoltage protection
• Remote ON/OFF control
• Available RoHS compliant
The CXE15 is a new high efficiency open frame isolated 15 Watt converter series
in an industry standard footprint. The CXE15 features an input voltage range of 33
Vdc to 75 Vdc and are available in output voltages of 5 V and 3.3 V. The output
voltage on each model is adjustable from 90% to 110% of the nominal value.
Typical efficiencies for the models are 87% for the 5 V and 86% for the 3.3 V. The
CXE15 series also has a remote ON/OFF capability with active high or active low
logic. Overcurrent and overvoltage protection features are included as standard.
With full international safety approval including EN60950 and cUL1950, the CXE15
reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 3)
Level A
EN55022 (See Note 3)
Level B
Radiated emissions
EN55022 (See Longform datasheet) Level B
Immunity:
ESD air
EN61000-4-2 8 kV, 15 kV
ESD contact
EN61000-4-2 6 kV, 8 kV
Radiated field enclosure
EN61000-4-3 10 V/m
Conducted (dc power)
EN61000-4-6 10 V
Conducted (signal)
EN61000-4-6 10 V
(See Note 8)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational insulation
Input/output
1500 Vdc
Switching frequency
Fixed
265 kHz typ.
Approvals and
UL/cUL1950, EN60950
standards
TÜV Rheinland
(See Note 5)
Material flammability
UL94V-0
Weight
12 g (0.42 oz)
MTBF
MIL-HDBK-217F
3,628,000 hours
Representative model:
48S05J @ 48 Vin, 40 °C,
100% load ground benign
BELLCORE 332
>1,500,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40 °C to +65 °C
(See Note 9)
temperature
Non-operating
-40 °C to +120 °C
SPECIFICATIONS
File Name: cxe15s.pdf Rev: 01 Mar 2006
TÜV
OUTPUT SPECIFICATIONS
Voltage adjustability
90% to 110%
Total error band
(See Note 11)
±3.5% max.
Line regulation
Low line to high line
0.1% max.
Load regulation
Full load to min. load
0.5% max.
Minimum load
0%
Overshoot
None
Undershoot
None
Ripple and noise
5 Hz to 20 MHz
70 mV pk-pk
(See Note 1)
20 mV rms
Transient response
(See Note 2)
100 mV
typ. deviation
400 µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
48 Vin nominal
33-75 Vdc
Input current
No load
35 mA max.
Remote OFF
25 mA max.
Input current (max.)
(See Note 4)
0.55 A max. @ Io max.
and Vin = 33-75 Vdc
Input reflected ripple
(See Note 6)
5 mA (pk-pk) typ.
Active high remote ON/OFF
(See Note 10)
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2 Vdc
OFF
<1.2 Vdc
Undervoltage lockout
Power up
33 V (typ.)
Power down
30 V (typ.)
Start-up time
Power up
1.5 ms (typ.)
(See Note 7)
Remote ON/OFF
2.5 ms (typ.)


Similar Part No. - CXE15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
CXE15-48S05 ARTESYN-CXE15-48S05 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
CXE15-48S1V8 ARTESYN-CXE15-48S1V8 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
CXE15-48S2V5 ARTESYN-CXE15-48S2V5 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
CXE15-48S3V3 ARTESYN-CXE15-48S3V3 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
More results

Similar Description - CXE15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
40 W High Efficiency DC-DC Converters
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
EXB250 EMERSON-NETWORKPOWER-EXB250 Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com