Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR12 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DDR12
Description  DC-DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DDR12 Datasheet(HTML) 1 Page - Emerson Network Power

  DDR12 Datasheet HTML 1Page - Emerson Network Power DDR12 Datasheet HTML 2Page - Emerson Network Power DDR12 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
Tracking Dual Output
1
2 YEAR WARRANTY
DDR12 Series
Dual output
NEW Product
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
High current dual-output power module for DDR memory
Single compact module provides 25 A @ 2.5 V for Vddq
supply and 8 A @ 1.25 V for Vtt termination
Tracking dual output voltages (1.25 V @ 8 A, 2.5 V @ 25 A)
Output voltage remote sense (only on Vddq)
Sink capability for logic terminations
Power good output signal
Overvoltage protection
Overcurrent protection
Remote ON/OFF
Available RoHS compliant
The dual output DDR12-25D08-AJ is specially designed to meet the power needs of
double data rate memory DIMMS and associated memory control logic. The Vtt
output tracks the Vddq output, while the Vtt output can sink current as required by
logic terminations. This converter offers typical efficiencies greater than 84% when
operated at 50% load or greater. This model features a wide input range as well as
trimmable output voltages. Remote sense on Vddq and remote ON/OFF facilities are
included as standard, and the converter is protected against over-current and over-
voltage conditions.
File Name: ddr12.pdf Rev: 04 Sept 2006
OUTPUT SPECIFICATIONS - Vddq
Voltage adjustability
2.32-2.75 Vdc
Output setpoint accuracy Using 1% trim resistors
±2.5%
Line regulation
Low line to high line
±0.1%
Load regulation
Minimum load to full load
+0%/-1.0%
Cross regulation
±0.4%
Temperature Co-efficient
0.2 mV/ºC
Ripple and noise
5 Hz to 20 MHz
50 mV pk-pk
(See Note 1)
Transient response
4 A/100 µs
±3.0% deviation
(See Note 2)
Overshoot
Nominal output at turn-on
2.0% max.
Undershoot
150 mV max.
OUTPUT SPECIFICATIONS - Vtt
Tracking Accuracy
Measured at Converter Pins
12 mV
(=Vddq/2 - Vtt)
Ripple and noise
5 Hz to 20 MHz
30 mV pk-pk
(See Note 1)
Transient response
8 A/1 µs
±3.0% deviation
(See Note 2)
INPUT SPECIFICATIONS
Input voltage range
Nominal 12 V
10.8-13.2 Vdc
Input current
Minimum load
400 mA
Remote OFF
20 mA
Input current (max.)
(See Note 3)
9 A max. @ Io max.
and Vin = 10.8 Vdc
INPUT SPECIFICATIONS - Contd.
Input reflected ripple
(See Note 4)
100 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
>2.0 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<20 ms
(See Note 5)
Remote ON/OFF
<20 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-2
GENERAL SPECIFICATIONS
Efficiency
Vddq = 2.5 V
84% @ full load
Vtt = 1.25 V
Switching frequency
Vddq
300 kHz typ.
(Fixed)
Vtt
300 kHz typ.
Approvals and
(See Note 7)
IEC60950/EN60950
standards
UL/cUL 1950/60950
Material flammability
UL94V-0
Weight
34 g (1.3 oz)
MTBF
Telcordia SR-332
TBD hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +80 °C
temperature
Non-operating
-40 °C to +125 °C


Similar Part No. - DDR12

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
Tracking Dual Output DC-DC Converters
DDR12-25D08-AJ ARTESYN-DDR12-25D08-AJ Datasheet
310Kb / 11P
Tracking Dual Output DC-DC Converters
More results

Similar Description - DDR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com