Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS650DC-3 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DS650DC-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS650DC-3 Datasheet(HTML) 1 Page - Emerson Network Power

  DS650DC-3 Datasheet HTML 1Page - Emerson Network Power DS650DC-3 Datasheet HTML 2Page - Emerson Network Power DS650DC-3 Datasheet HTML 3Page - Emerson Network Power DS650DC-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 12.15.08
DS650DC-3 / DS850DC-3
1 of 4
Embedded Power for
Business-Critical Continuity
DS650DC-3 /
DS850DC-3
650 - 850 Watt
Distributed Power System
Special Features
•1UX2UFormFactor
•15.4W/in3
•+12VdcOutput
•+3.3vdcStand-By
(5Vstandby-consultfactory)
•NoMinimumLoadRequired
•HotPlugOperation
•N+1Redundant
•InternalOR’ingFets
•ActiveCurrentSharing
2PSUSharedfrom30%to100%
4PSUSharedfrom20%to100%
•Built-inCoolingFan
(40mmx28mm)
•I2CCommunicationInterfaceBus
•EERPOMforFRUData
•Red/GreenBi-ColorLEDStatus
•InternalFanSpeedControl
•FanFailTachOutputSignal
•INTEL,SSIStd.LogicTiming
•INTEL,SSIStd.FRUDataFormat
•OneYearWarranty
Distributed Power Bulk Front-End
Total Output Power: 650 - 850 Watts
+3.3vdc Stand-by Output
Standard Telco input range -39 V to
-72 VDC
Safety
Input
Inputrange:
-39Vto-72Vdc
Efficiency:
>80%typical
ConductedEMI:
FCCSubpartJEN55022ClassB
RadiatedEMI:
FCCSubpartJEN55022ClassB
Holduptime:
1ms@48Vdc
Output
MainDCvoltage:
+12V@70A;DS850DC
+12V@52.5A;DS650DC
Stand-By:
+3.3Vsb@6A(5V@4Aavailable)
Adjustmentrange:
FactorySet,nopotadjustments
Regulation:
+12Vdc;+5%/-5%
+3.3Vsb;+5%/-5%
Overcurrent:
+12Vdc;77A-105A-DS850DC;
+12Vdc57.75A-78.75A;DS650DC
latchesoffifovercurrentlastsover1second,
otherwiseitisautorecovery.
+3.3vsb,9Amax(hiccupmode)
Overvoltage:
+12Vdc;13.2-14.4Vdc
+3.3Vsb;3.76-4.30Vdc
Undervoltage:
+12Vdc;9-10.8V(latchoff)
Turn-ondelay:
2Secondmax
+12VOutputRiseTime:
10-300mS,MonotonicRise
UL/cUL60950(ULRecognized)
NEMKO+CBReportEN60950
CEMark
ChinaCCC
•
•
•
•
DCInput
Connectorinputshown
Electrical Specifications


Similar Part No. - DS650DC-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
309Kb / 4P
650 - 850 Watt Distributed Power System
logo
Artesyn Technologies
DS650DC-3 ARTESYN-DS650DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
logo
Advanced Energy Industr...
DS650DC-3 ADVANCEDENERGY-DS650DC-3 Datasheet
447Kb / 7P
Distributed Power Bulk Front-End
01 12.10
logo
Artesyn Technologies
DS650DC-3-002 ARTESYN-DS650DC-3-002 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS650DC-3-003 ARTESYN-DS650DC-3-003 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
More results

Similar Description - DS650DC-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
DS1500-3 EMERSON-NETWORKPOWER-DS1500-3 Datasheet
274Kb / 4P
Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3_09 Datasheet
372Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS550HE-3-002 ARTESYN-DS550HE-3-002 Datasheet
320Kb / 4P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com