Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU941 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU941
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU941 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU941 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU941 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BU941 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU941
DESCRIPTION
·High Voltage
·DARLINGTON
APPLICATIONS
·High ruggedness electronic ignitions
·High voltage ignition coil driver
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current- Continuous
15
A
ICM
Collector Current-Peak
30
A
IB
B
Base Current
1
A
IBM
Base Current-Peak
5
A
PC
Collector Power Dissipation
@TC=25℃
180
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.97
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BU941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Dec-1999
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
Savantic, Inc.
BU941 SAVANTIC-BU941 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU941 JMNIC-BU941 Datasheet
70Kb / 3P
Silicon NPN Power Transistor
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
491Kb / 12P
High voltage ignition coil driver NPN power Darlington transistors
18-Nov-2008
More results

Similar Description - BU941

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com