Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS50 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS50
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS50 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS50 Datasheet HTML 1Page - Emerson Network Power LPS50 Datasheet HTML 2Page - Emerson Network Power LPS50 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.08.09_149
LPS50-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS50-M Series
60 Watts
Special Features
•MedicalSafetyApprovals
•Universalinput
•Lessthan1Uhigh
•2”x4”footprint
•Remotesense
•Overloadandshortcircuit
protection
•Adjustableoutputvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<74watts
•ComplieswithEN61000-3-2
•ULClassIapproved
•LPX50enclosurekitavailable
•DualACfuses
Total Power:
55-60Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264VAC(widerange)127-300Vdc
Frequency:
47-440Hz
Inrushcurrent:
<60Apeak@230VAC,coldstart@25°C
Inputpower:
<74Watts
Efficiency:
80%-85%typicalatfullload
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassB
conducted,VDE0878PT3ClassBconducted
Safetygroundleakage
current:
275uA@50/60Hz;264VACinput
Output
Maximumpower:
60Wforconvection(LPS52,55W)
Adjustmentrange:
±20%minimum
Hold-uptime:
10/20ms115/230VACinputline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110-160%ofnormalrating
Overvoltageprotection: 30-50%abovenominaloutput
Remotesense:
Compensatesdfor0.5Vleaddropmax.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
UL:
UL60601-1
CSA: CSA-C22.2No.601.1-M90
VDE: EN60601-1
CE:
LVD&EMC
•
•
•
•


Similar Part No. - LPS50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
60 Watts
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
LPS50-12 ASTRODYNE-LPS50-12 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
LPS50-15 ASTRODYNE-LPS50-15 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
LPS50-24 ASTRODYNE-LPS50-24 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
More results

Similar Description - LPS50

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ110 EMERSON-NETWORKPOWER-LPQ110 Datasheet
81Kb / 2P
Universal input
LPS25 EMERSON-NETWORKPOWER-LPS25 Datasheet
99Kb / 3P
Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
Universal input
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
Universal Input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
logo
MORNSUN Science& Techno...
LH25-20B05MU MORNSUN-LH25-20B05MU Datasheet
1Mb / 5P
Universal Input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
Universal input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com