Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS61 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS61
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS61 Datasheet(HTML) 3 Page - Emerson Network Power

  LPS61 Datasheet HTML 1Page - Emerson Network Power LPS61 Datasheet HTML 2Page - Emerson Network Power LPS61 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 07.23.07
LPS60-M Series
3 of 3
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.astecpower.com
www.artesyn.com
technicalsupport@astec.com
technicalsupport@artesyn.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
forced Air
Peak
Load1
Regulation2
Ripple
P/P (PARD)3
LPS63-M
12V
0A
5A
6.7A
7.5A
±2%
120mV
LPS64-M
15V
0A
4A
5.3A
6A
±2%
150mV
LPS65-M
24V
0A
2.5A
3.3A
3.8A
±2%
240mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10μF (tantalum capacitor) in parallel with a 0. μF capacitor at rated
line voltage and load ranges.
Pin Assignments
Connector LPS62-M
LPS63-M
LPS65-M
SK1-1
Neutral
Neutral
Neutral
SK1-3
Line
Line
Line
SK2-1
+12V
+15V
+24
SK2- 2
+12V
+15V
+24
SK2- 3
+12V
+15V
+24
SK2-4
Common
Common
Common
SK2-5
Common
Common
Common
SK2-6
Common
Common
Common
SK201-1
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
Mating Connectors
AC Input:
Molex 09-50-8031 (USA) Not required for (-T) option
09-91-0300 (UK)
PINS: 08-58-0111
DC Outputs:
Molex 09-50-8061 (USA) Not required for (-T) option
09-91-0600 (UK)
PINS: 08-52-0113
Remote Sense: Molex 22-01-2025
PINS: 08-52-0113
Astec Connector Kit #70-841-006, includes all of the above
1.
Specifications subject to change without notice.
2.
All dimensions in inches (mm), tolerance is ±0.02" (±0.5mm)
3.
Mounting holes M1 and M2 should be grounded for EMI purposes.
4.
Mounting hole M1 is safety ground connection.
5.
Specifications are for convection rating at factory settings at 115 VAC input,
25°C unless otherwise stated.
6.
Warranty: 2 year
7.
Weight: 0.75lbs/0.34kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com