Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS120 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS120
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS120 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS120 Datasheet HTML 1Page - Emerson Network Power LPS120 Datasheet HTML 2Page - Emerson Network Power LPS120 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 03.24.08
LPS120 Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS120 Series
120 Watts
Special Features
• Active power factor correction
• 3" x 5" footprint
• Less than 1U high
• EN61000-3-2 compliant
•Remote sense
• Power fail and remote inhibit
• Single wire current sharing
• Adjustable main output
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
• Thermal overload protection
• 5 V Standby output
and 12V Fan output
Total Power:
80 - 130 Watts
Input Voltage:
85 - 264 VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range:
85 - 264 VAC ; 127 - 300VDC
Frequency:
47-440 Hz
Inrush current:
40A max., cold start @ 25°C
Efficiency:
80% typical at full load
EMI/RFI:
FCC Class B conducted; CISPR22 Class B conducted; EN55022
Class B conducted; VDE0878PT3 Class B conducted
Power factor:
0.99 typical
Safety ground
leakage current:
0.5mA @ 50/60 Hz, 264 VAC input
Output
Maximum power:
80W for convection ; 130W with 30CFM forced air
Adjustment range:
±5% minimum on the main outputs
Fan output:
12V @ 500mA - 5%, +7%
Standby outputs:
5V @ 500mA ±5%
Hold-up time:
20ms @ 125W load, 120VAC input
Overload protection:
Short circuit protection on all outputs. Case overload protect-
ed @ 120-135% above rating
Overvoltage protection: 20-35% above nominal output
Remote sense:
Compensates for 0.5 V lead drop max. Will operate without
remote sense connected. Reverse connection protected.
Logical Control
Power failure:
TTL logic signal goes high 100-500 msec after main output; it
goes low at least 4 msec before loss of regulation
Remote inhibit:
Requires a contact closure to disable the outputs, except 5V
standby.
Remote sense:
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.
TUV:
60950
UL:
60950
CSA
60950
NEMKO: 60950
AUSTEL: 60950
CB:
Certificate and report
CE:
Mark (LVD)
RoHS


Similar Part No. - LPS120

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
120 Watts
logo
Emerson Network Power
LPS120 EMERSON-NETWORKPOWER-LPS120 Datasheet
422Kb / 3P
120 Watts Active power factor correction
LPS120 EMERSON-NETWORKPOWER-LPS120_09 Datasheet
422Kb / 3P
120 Watts Active power factor correction
More results

Similar Description - LPS120

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com