Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS255-C Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS255-C
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS255-C Datasheet(HTML) 1 Page - Emerson Network Power

  LPS255-C Datasheet HTML 1Page - Emerson Network Power LPS255-C Datasheet HTML 2Page - Emerson Network Power LPS255-C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPS250 Series
250 Watts
Special Features
• Activepowerfactorcorrection
• IECEN6100-3-2compliance
• Remotesense&remoteinhibit
• Powerfail
• Singlewirecurrentsharing
• Built-inEMIfilter
• 2:1Widerangeoutputvoltage
adjust
• 2Supervisoryoutputs5Vand12V
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• DCpowergood
• 120kHzswitchingfrequency
• Cover-C
• Optionaltopwithfancover-CF
• Optionalendfancover-CEF
Total Power:
250 Watts
Input Voltage: 85-264Vac
120-300Vdc
# of Outputs: Single
Electrical Specifications
Safety
Input
Inputrange:
85-264Vac;120-300Vdc
Frequency:
47-440Hz
Inrushcurrent:
20Amax,coldstart@25°C
Efficiency:
75% typical at full load
EMIfilter:
FCC Class B conducted and radiated
CISPR22ClassBconductedandradiated
EN55022ClassBconductedandradiated
VDE0878PT3ClassBconductedandradiated
Safetyground
leakagecurrent:
<0.5mA@50/60Hz,264VACinput
Output
Maximumpower:
Withcover:250Wwith30CFMforcedair.
(-C) (-CF) (CEF)
Supervisoryoutput:
5V@100mAregulated;12V@500mA
Adjustmentrange:
2:1wideratio
Hold-uptime:
20ms@250Wload,115VACnominalline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
10-145%abovepeakrating
Overvoltageprotec-
tion:
5Voutput:5.7to6.7VDC.
Othermodels10%to25%abovenominaloutput
VDE
0805/EN60950(IEC950)
11774-3336-1262
UL
UL1950 EI32002
CSA CSA22.2-234Level5
LR53982C
NEMKOEN60950/EMKO-TUE
P95102999(74-sec)203
CB
Certificate and report
2186
CE
Mark(LVD)
•
•
•
•
•
•
Rev. 2.16.09_158
LPS250 Series
1 of 3


Similar Part No. - LPS255-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS255-C ASTEC-LPS255-C Datasheet
451Kb / 2P
250 Watts
logo
Artesyn Technologies
LPS255-C ARTESYN-LPS255-C Datasheet
492Kb / 3P
Total Power: 250 Watts
LPS255-C ARTESYN-LPS255-C Datasheet
492Kb / 3P
250 Watts
LPS255-C ARTESYN-LPS255-C Datasheet
492Kb / 3P
Single wire current sharing
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
250 Watts
More results

Similar Description - LPS255-C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com