Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT40-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPT40-M
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT40-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPT40-M Datasheet HTML 1Page - Emerson Network Power LPT40-M Datasheet HTML 2Page - Emerson Network Power LPT40-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 2.16.09_165
LPT40-M Series
2 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection cooling
Maximum Load with
30CFM Forced Air
Peak
Load1
Regulation2
Ripple P/P
(PARD)3
LPT42-M
+5V
+12V
-12V
0.4A
0.2A
0A
4A
2A
0.5A
5A
2.5A
0.7A
7A
4A
1A
±2%
±5%
±5%
50mV
120mV
120mV
LPT45-M
+5V
+15V
-15V
0.4A
0.2A
0A
4A
2A
0.5A
5A
2.5A
0.7A
7A
3A
1A
±2%
±5%
±5%
50mV
150mV
150mV
1.Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2.At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3.Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4.MinimumLoadsarerequired.
Operatingtemperature:
0°to50°Cambientderateeachoutputat2.5%perdegreefrom50°to70°C,-20°Cstartup.
Electromagnetic
susceptibility:
DesignedtomeetIEC801,-2,-3,-4,-5,-6,Level3
Humidity:
Operating;non-condensing5%to95%
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.dwellatfourmajorresonances0.75Gpeak5Hzto500
Hz,operational
Storagetemperature:
-40°to85°C
Temperaturecoefficient:
±.04%per°C
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
27.5W
55W
30 CFM Forced Air Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com