Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT60 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPT60
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT60 Datasheet(HTML) 2 Page - Emerson Network Power

  LPT60 Datasheet HTML 1Page - Emerson Network Power LPT60 Datasheet HTML 2Page - Emerson Network Power LPT60 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 06.15.07
LPT60-M Series
2 of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convnection
cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple P/P (PARD)3
LPT62-M
+5V
+12V
-12V
0.7A
0.3A
0A
7A
3A
0.7A
8A
3.5A
1A
10A
6A
1.5A
±2%
±5%
±5%
50mV
120mV
120mV
LPT63-M
+5V
+15V
-15V
0.7A
0.3A
0A
7A
2.8A
0.7A
8A
3.3A
1A
10A
4A
1.5A
±2%
±5%
±5%
50mV
150mV
150mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10μF in parallel with a 0.1μF capacitor at rated line voltage and load ranges.
4. Minimum Loads are required.
Operating temperature:
0° to 50°C ambient derate each output at 2.5% per degree
from 50° to 70°C, -20°C startup
Electromagnetic
susceptibility:
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity:
Operating; non-condensing 5% to 95%
Vibration:
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell
at four major resonances 0.75G peak 5 Hz to 500 Hz,
operational
Storage temperature:
-40° to 85°C
Temperature coefficient:
±.04% per °C
MTBF demonstrated:
>550,000 hours at full load and 25°C ambient conditions
Environmental Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com