Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA20 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SDA20
Description  Optically Coupled Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SDA20 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SDA20 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 2Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 3Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDA20 Series
Optically Coupled
Module
•
Readily mounted PCB’s
containing a Silicon
Light Sensor &
matched Gallium
Arsenide Light Source.
•
Available as separate
PCB’s or complete
Module.
•
125 deg C operation
with hermetic
components
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
3.51+/-0.13
6.69+/-0.13
5.08+/-0.13
10.16+/-0.25
4.8
1.6
12.7+/-0.08
6.35+/-0.08
3.18+/-0.13
2.26+-0.1 BORE
DETECTOR OUTSIDE VIEW
EMITTER OUTSIDE VIEW
6.2.00 ISS A


Similar Part No. - SDA20

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA20000 SSDI-SDA20000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA20000 SSDI-SDA20000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA20000F SSDI-SDA20000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA20000UF SSDI-SDA20000UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
logo
List of Unclassifed Man...
SDA2008 ETC1-SDA2008 Datasheet
478Kb / 17P
INFRARED REMOTE CONTROL TRANSMITTER
More results

Similar Description - SDA20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
OPTEK Technologies
OPI1264 OPTEK-OPI1264 Datasheet
248Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
Optically Coupled Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com