Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS40-7908J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS40-7908J
Description  40 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40-7908J Datasheet(HTML) 3 Page - Emerson Network Power

  NFS40-7908J Datasheet HTML 1Page - Emerson Network Power NFS40-7908J Datasheet HTML 2Page - Emerson Network Power NFS40-7908J Datasheet HTML 3Page - Emerson Network Power NFS40-7908J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.15.07
NFS40 Medical
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Natural convection cooling, 40 W maximum.
2
Forced air, 20 CFM at 1 atmosphere, 50 W maximum.
3
Peak output current lasting less than 30 seconds with duty cycle less than 10%.
During peak loading, outputs may go outside of total regulation limits. Peak
total power must not exceed 60 W.
4
50 MHz bandwidth, peak-to-peak, measured differentially.
5
Total regulation is defined as the static output regulation at 25 ¡C, including
initial tolerance, load currents within stated limits, and output voltages
adjusted to their factory settings. Also, 0.25 ² IA / IB ² 5.0 to maintain stated
regulation.
6
A minimum load of 0.5 A is required on the +5 V output to obtain full current
from the negative output.
7
Single output models have floating outputs which may be referenced as either
positive or negative.
8
Derating curve is application specific for ambient temperatures >50 ¼C, for
optimum reliability no part of the heatsink should exceed 120 ¼C and no
semiconductor case temperature should exceed 130 ¼C.
9
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
10 Although the minimum output current of the NFS40-79XXJ is 0 A, a 4 W
minimum load is required to achieve design MTBF.
11 Three orthogonal axes, sweep at 1 octave/min, 5 minute dwell at four major
resonances.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
AC mating connector
Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp terminal.
DC mating connector
Molex 09-91-0600 or equivalent with Molex 08-50-0164 or equivalent crimp terminal.
OUTPUT
OUTPUT CURRENT
RIPPLE (4)
TOTAL
MODEL NUMBERS
(13,14)
VOLTAGE
CONV. MAX (1)
20CFM MAX. (2)
PEAK (3)
PK-PK
REGULATION (5)
+5.1 V (VA)
3 A
5 A
7 A
50 mV
±2.0%
NFS40-7908J
+12 V (VB)
2 A
2 A
3 A
120 mV
±5.0%
-12 V (6)
0.35 A
0 A
---
120 mV
±5.0%
+5.1 V (VA)
3 A
5 A
7 A
50 mV
±2.0%
NFS40-7910J
+15 V (VB)
2 A
2 A
2.5 A
150 mV
+10%/-3.0%
-15 V (6)
0.35 A
0.5 A
---
150 mV
±5.0%
12 V (7)
3.3 A
4 A
5 A
120 mV
±2.0%
NFS40-7912J
15 V (7)
2.6 A
3.3 A
4 A
150 mV
±2.0%
NFS40-7915J
24 V (7)
1.6 A
2 A
2.5 A
240 mV
±2.0%
NFS40-7924J
+5.1 V
4 A
7 A
5 A
50 mV
±2.0%
NFS40-7928J
+12 V
0.35 A
1 A
0.5 A
120 mV
±5.0%
-12 V
0.35 A
1 A
0.5 A
120 mV
±5.0%
PIN CONNECTIONS
J1
-7908J, 7928J
-7901J
SINGLES
Pin 1
AC Line
AC Line
AC Line
Pin 2
AC Neutral
AC Neutral
AC Neutral
J2
Pin 1
+12 V
+15 V
+Vout
Pin 2
+5.1 V
+5.1 V
+Vout
Pin 3
+5.1 V
+5.1 V
+Vout
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
-12 V
-15 V
Return
P1
Pin 1
Safety Earth Ground
NO. 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com