Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS40-7610J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NFS40-7610J
Description  5.0 x 3.0 x 1.2 inch package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40-7610J Datasheet(HTML) 4 Page - Emerson Network Power

  NFS40-7610J Datasheet HTML 1Page - Emerson Network Power NFS40-7610J Datasheet HTML 2Page - Emerson Network Power NFS40-7610J Datasheet HTML 3Page - Emerson Network Power NFS40-7610J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.12.12.08_118
NFS40 Series
4 of 4
0.156 (3.96) Dia.
(4 Places)
5.00
(127.00)
NON-METALLIC
STAND-OFF
(SEE NOTE A)
MAXIMUM
COMPONENT
HEIGHT 1.2 inches
C5
J2
1
P1 (SEE NOTE C)
F1
J1
N
~
L
Q1
F 3.15A, H 250VAC
2.550
(64.8)
0.22
(5.59)
3.00
(76.2)
0.22 (5.59)
4.55
(115.8)
~
ALL DIMENSIONS IN INCHES (mm)
T1
Mechanical Notes
A In order to meet safety requirements, a non-metallic stand-off is mandatory for one hole as specified in the mechanical
drawing above.
B The ground pad of the mounting hole near P1 allows system grounding through a metal stand-off.
C To improve conducted noise, the ground pad of the mounting hole near the output connector should be connected with
the ground pad of the mounting hole near P1. Use metal stand-offs attached to a common metal chassis. This connection
also significantly attenuates common mode noise.
D A standard L-bracket and cover is available for mounting which contains all screws, connectors and necessary mounting
hardware. Order part number ‘NFS40 COVER KIT’.
Mechanical Drawing
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com