Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS40-7928J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS40-7928J
Description  40 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40-7928J Datasheet(HTML) 2 Page - Emerson Network Power

  NFS40-7928J Datasheet HTML 1Page - Emerson Network Power NFS40-7928J Datasheet HTML 2Page - Emerson Network Power NFS40-7928J Datasheet HTML 3Page - Emerson Network Power NFS40-7928J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.02.15.07
NFS40 Medical
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Specifications
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
110 Vac
18 ms
230 Vac
132 ms
Efficiency
110 Vac, 230 Vac
70% typical
Isolation voltage
Input/output
4000 Vac
Input/chassis
1500 Vac
Switching frequency
20-10 kHz
Approvals and
VDE0750, IEC601
standards
EN60601-1, UL2601
(See Note 12)
CSA C22.2 No. 125
Weight
270 g (9.6 oz)
MTBF
MIL-HDBK-217E
170,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0
°C to +70°C
Non-operating
-40
°C to +85°C
0 ¡C to 50 ¡C ambient temp.,
40 W
convection cooled
0 ¡C to 50 ¡C ambient,
50 W
20 CFM Forced air
50 ¡C to 70 ¡C ambient
Derate linearly
to 50% load
Peak (30 seconds)
60 W
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11)
5-500 Hz
0.75 G peak
OUTPUT SPECIFICATIONS
Voltage adjustability
+5 V output on triples
±5.0%
Vout on singles
±5.0%
Line regulation
LL to HL, FL main output
±0.2%
LL to HL, FL auxiliary output
±1.0%
Overshoot/undershoot
At turn-on
0%
Transient response
+5 V
±120 mV max dev.
(1.5 A to 3 A step)
500 μs recovery
Temperature coefficient
All outputs
±0.02%/
°C
Overvoltage protection
+ 5V output
6.25 ±0.75 Vout
Minimum output current
(See Note 10)
0 A
Output power limit
Primary power limited
90 W input
power limit
Short circuit protection
Single
Continuous
Multiple
Short term
INPUT SPECIFICATIONS
Input voltage range
85-264 Vac
120-370 Vdc
Input frequency range
47-440 Hz
Input surge current
Cold start 110 Vac, 60 Hz
10 A
Cold start 230 Vac, 50 Hz
22 A
Safety ground
110 Vac, 60 Hz
18 μA max.
leakage current
230 Vac, 50 Hz
28 μA max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com