Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS110
Description  110 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110 Datasheet(HTML) 1 Page - Emerson Network Power

  NFS110 Datasheet HTML 1Page - Emerson Network Power NFS110 Datasheet HTML 2Page - Emerson Network Power NFS110 Datasheet HTML 3Page - Emerson Network Power NFS110 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The NFS110 series is a 110 W universal input ac-dc power supply
on a 7 x 4.25 inch card. The NFS110 series has four single and
three quad output models and has proven itself to be highly
reliable and versatile product for a wide range of communication
and industrial applications, with a very high peak current
capability on each output for drive and motor applications. The
NFS110 provides 80 W of output power with free air convection
cooling which can be boosted to 110 W with 20 CFM of air.
Standard features include overvoltage and short circuit
protection. The series, with full international safety approval and
the CE mark, meets conducted emissions EN55022 level B. The
NFS110 series is designed for use in low power data networking,
computer, telecom and industrial applications such as servers,
thermal printers, storage devices, vending machines and POS
equipment.
Embedded Power for
Business-Critical Continuity
NFS110 Series
Single and
quad output
Special Features
• 7.0 x 4.25 x 1.8 inch package
• Overvoltage and
short circuit protection
• 110 W with 20 CFM
• Adjustable outputs
• EN55022, EN55011
conducted emissions level B
• UL, VDE and CSA
safety approvals
• CE mark
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110W
Input Voltage: 85 - 264VAC
120 - 370VDC
# of Outputs:
Single, quad
Safety
VDE0805/EN60950/
IEC950/IEC1010
File No. 10401-3336-0213
Licence No. 40014677
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
Rev.02.16.07
NFS110 Series
1 of 4


Similar Part No. - NFS110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
513Kb / 5P
Single & Quad output
logo
Artesyn Technologies
NFS110-7601P ARTESYN-NFS110-7601P Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
548Kb / 5P
Single & quad output
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
513Kb / 5P
Single & Quad output
More results

Similar Description - NFS110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NLP110MEDICAL EMERSON-NETWORKPOWER-NLP110MEDICAL Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com