Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65MEDICAL Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP65MEDICAL
Description  65 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65MEDICAL Datasheet(HTML) 1 Page - Emerson Network Power

  NLP65MEDICAL Datasheet HTML 1Page - Emerson Network Power NLP65MEDICAL Datasheet HTML 2Page - Emerson Network Power NLP65MEDICAL Datasheet HTML 3Page - Emerson Network Power NLP65MEDICAL Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The NLP65 Medical series is a 65 W universal input ac-dc power
supply with input harmonic current correction as standard. This
compact design, packed in a 5 x x3 inch card with a maximum
component height of 1.26 inches, is ideal for use in a variety of
medical, laboratory and dental applications such as centrifuges,
incubators and infusion pumps. The NLP65 Medical series
comprises of eight models in single, dual and triple output
configurations. Providing 65 Watts of continuous output power
with free air convection, the NLP65 Medical series will deliver 75
Watts output power with 20 CFM of air. The series, with full
medical safety approval to EN60601 and UL2601, is CE marked,
greatly accelerating design-in time and reducing system
compliance costs.
Embedded Power for
Business-Critical Continuity
NLP65 Medical
Series
Single, dual
and triple output
Special Features
• 85 VAC to 264 VAC
universal input range
• Harmonic current correction
as standard
• Maximum component height
1.26 inches
• UL, CSA and VDE
safety approvals
• Overvoltage and
short circuit protection
• 5 x 3 x 1.26 inch (127.0 x 76.2 x
32mm) footprint
• Available RoHS compliant
• 2 year warranty
Total Power:
65W
Input Voltage: 85 - 264 VAC
# of Outputs:
Single, dual,
triple
Safety
VDE0705/EN60601-1/IEC1010
File No. 10401-3336-0156/32480
Licence No. 121949
UL1950 File No. E147937
CSA C22.2 No. 950
File No. LR41062C
Rev.02.28.07
NLP65_3300
1 of 4


Similar Part No. - NLP65MEDICAL

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
More results

Similar Description - NLP65MEDICAL

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
logo
JDS Uniphase Corporatio...
DMS-3500PWR02 JDSU-DMS-3500PWR02 Datasheet
114Kb / 2P
330 W NEBS 3 Redundant Universal AC-DC Power Supply
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
150 Watt AC/DC Power Supply Universal Input
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
65 Watt AC/DC Medical Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com