Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-9612J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP65-9612J
Description  Universal Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9612J Datasheet(HTML) 3 Page - Emerson Network Power

  NLP65-9612J Datasheet HTML 1Page - Emerson Network Power NLP65-9612J Datasheet HTML 2Page - Emerson Network Power NLP65-9612J Datasheet HTML 3Page - Emerson Network Power NLP65-9612J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.02.08
NLP65 Series
3 of 4
Embedded Power for
Business-Critical Continuity
1
Natural convection cooling. Models NLP65-X629J, NLP65-X608J, NLP65-X610J
must not exceed 62.5 Watts continuous output power with natural convection.
Model NLP65-X620J not to exceed 65 Watts continuous output power with
natural convection. Model NLP65-3322J must not exceed 60 Watts continuous
output power with natural convection.
2
When the input voltage is less than 90 Vac the operating temperature range is
0
°C to +40 °C. The ripple and regulation specifications may not be met.
3
Peak output current lasting less than 60 seconds with duty cycle less than 5%.
During peak loading, output voltage may exceed total regulation limits.
4
Figure is peak-to-peak for convection power rating. Output noise
measurements are made across a 20 MHz bandwidth using a 6 inch twisted
pair, terminated with a 10 μF electrolytic capacitor and a 0.1 μF ceramic
capacitor.
5
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G rms 5
Hz to 500 Hz.
6
A minimum load on the main output is required for proper start up. For
multiple outputs and single +5V output, the minimum load on the +5 V is 0.2
A. For single outputs greater than +5 V the minimum load is 0.1 A. To
maintain stated regulation then:
for single output units
I ≥ 0.2 A
for multiple output units
0.25
≤ I(A)/I(B) ≤ 5, for I(A) ≥ 0.2 A.
7
For optimum reliability, no part of the heatsink should exceed 120 oC, and no
semiconductor case temperature should exceed 130 oC.
8
CAUTION: Allow a minimum of 1 second after disconnecting line power when
making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
10 Maximum continuous output power for all multiple output models must not
exceed 75 Watts (70 watts for NLP65-3322J)with 20 CFM forced air cooling.
11 Conducted and radiated emissions testing were performed using the standard
EN55022 set-up with a stand alone NLP65 unit placed on a grounded metal
plate with a line choke on the AC input and ground wires (i.e. the wires are
looped through an EMI suppression toroid).
For system compliance it is usually necessary to install an ‘off-the-shelf’ AC inlet
with an integral line filter in the system chassis or to install a line choke on the
input wires as close as possible to AC entry point of the system chasssis. Please
contact the applications group at Artesyn for assistance with EMI compliance.
12 The NLP65 units with the suffix ‘G’ is the ground pin and ground choke option.
J2, L6 and JP10 are included. J2 is a safety agency approved grounding pin, L6 is
a ground choke and JP10 is a jumper. This option is intended for use in non-
metallic chassis applications where grounding is not possible via the mounting
screws. The ground choke is provided to assist system EMC compliance. When
performing conducted emissions testing on stand alone units, the ‘G’ option is
required to meet level B. To order simply add the suffix ‘G’ to the standard
model number, e.g. NLP65-7608GJ, NLP65-9608GJ. This option is available for
both the PFC and non-PFC versions.
13 All models require a minimum mounting stand-off of 0.25 inches (6.35 mm) in
the end use product.
14 The NLP65-9608J is available with an enclosure. To order an enclosed version,
see model numbering options below.
15 No PFC version, EN61000-3-2 is not applicable to this model.
16 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
17 NOTICE: Some models do not support all options. Please contact your local
Emerson Network Power representative or use the on-line model number
search tool at http://www.powerversion.com.
Model Numbering Options
1
The enclosure version includes: IEC connector, on/off switch, wire harness
output connector and fitted cover. To order, please add the suffix ‘E’ the model
number, e.g. NLP65-9608EJ. See NLP65 enclosure for details.
2
A Safety earth ground pin and ground choke are available as an option.
To order, please add the suffix ‘G’ the model number, e.g. NLP65-X608GJ.
3
To order an enclosure kit (unfitted), order the part number LPX80.
Output
Voltage
Output Current
Ripple (4)
Total
Regulation (6)
Non-harmonic
Corrected
Harmonic
Corrected
Ground
Pin (12, 14, 17)
Max (1)
Peak (3)
Fan (10)
+5 V (IA)
7.5 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7608J
NLP65-9608J
NLP65-X608GJ
+12 V (IB)
2.5 A
3.3 A
3 A
150 mV
±5.0%
–12 V
0.65 A
0.81 A
0.8 A
120 mV
±5.0%
+5 V (IA)
7.5 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7610J
NLP65-9610J
NLP65-X610GJ
+15 V (IB)
2.2 A
2.9 A
2.5 A
150 mV
±5.0%
–15 V
0.65 A
0.85 A
0.8 A
150 mV
±5.0%
+5 V
7.0 A
9.1 A
8.0 A
50 mV
±2.0%
NLP65-3322J
+24 V
1.5 A
2.6 A
2.0 A
240 mV
±5.0%
+12 V
0.7 A
1.0 A
1.0 A
120 mV
±5.0%
+5 V (IA)
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7620J
NLP65-9620J
NLP65-X620GJ
+24 V (IB)
2 A
2.6 A
2 A
240 mV
±5.0%
+5 V (IA)
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7629J
NLP65-9629J
NLP65-X629GJ
+12 V (IB)
2.5 A
3.3 A
3 A
150 mV
±5.0%
+5 V
10 A
13 A
12 A
50 mV
±2.0%
NLP65-7605J
NLP65-9605J
NLP65-X605GJ
+12 V
5.4 A
7 A
6.5 A
120 mV
±2.0%
NLP65-7612J
NLP65-9612J
NLP65-X612GJ
+15 V
4.4 A
5.7 A
5.3 A
150 mV
±2.0%
NLP65-7615J
NLP65-9615J
NLP65-X615GJ
+24 V
2.7 A
3.5 A
3.5 A
240 mV
±2.0%
NLP65-7624J
NLP65-9624J
NLP65-X624GJ
Notes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com