Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS505 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NTS505
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS505 Datasheet(HTML) 1 Page - Emerson Network Power

  NTS505 Datasheet HTML 1Page - Emerson Network Power NTS505 Datasheet HTML 2Page - Emerson Network Power NTS505 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 05.27.08
NTS500 Series
1 of 3
Embedded Power for
Business-Critical Continuity
NTS500 Series
500 Watts
Special Features
• Active power factor correction
• IEC EN61000-3-2 compliance
•Remote sense
• Power fail and remote inhibit
• Single wire current sharing
• Built-in EMI filter
• Low output ripple
• 5V standby
• 12V fan output
• Overvoltage protection
• Overload protection
• Thermal overload protection
• DC power good
• Built in OR-ing diode / FET
• Optional fan cover (-CF suffix)
• PM Bus compliant
• Digital I2C interface
• 2 year warranty
• POE isolation on NTS508
Total Power:
200 - 500 Watts
Input Voltage:
85 - 264 Vac
120 - 300 Vdc
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range:
85 - 264 Vac (wide range)
Frequency:
47-63 Hz
Inrush current:
50 A max., cold start @ 25°C
Efficiency:
85% typical at full load, nominal line
EMI filter:
FCC Class B conducted and radiated; CISPR22 Class B
conducted and radiated; EN55022 Class B conducted and
radiated; VDE0878PT3 Class B conducted and radiated.
Safety ground leakage
current:
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power:
200 W for convection; 500 W with 30 CFM forced air
Adjustment range:
±5%
Standby output:
5 V @ 1 A regulated, ±5%
Fan output:
12 V @ 0.5 A, -5 %, +7%, 0.5 A for -CF version
Hold-up time:
20 ms @ 500 W load, 115 VAC nominal line at factory voltage
setting
Overload protection:
Short circuit protection on all outputs. Case overload
protected @ 115-130% above peak rating
Overvoltage protection: 20-35% above nominal output
TUV:
60950
cCSAus:
60601-1
NEMKO:
60950
AUSTEL:
60950
CB:
Certificate and report
CE:
Mark (LVD)
RoHS


Similar Part No. - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS505 EMERSON-NETWORKPOWER-NTS505 Datasheet
696Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS505 ARTESYN-NTS505 Datasheet
929Kb / 5P
Active power factor correction
NTS505 ARTESYN-NTS505 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
1Mb / 3P
Active power factor correction
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
680Kb / 3P
Active power factor correction
More results

Similar Description - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com