Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXA66 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NXA66
Description  66 W Non-isolated DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NXA66 Datasheet(HTML) 2 Page - Emerson Network Power

  NXA66 Datasheet HTML 1Page - Emerson Network Power NXA66 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.750 (69.85)
1.065 (27.05)
1.375 (34.93)
1-25
26-50
50
34 33
25
18
17
1
26
26-50
1-25
0.125 (3.18)
0.400 (10.16)
0.700 (17.78)
2.586 (65.68)
0.875 (22.23)
R0.080 (R2.03) (2 PLS)
ON CKT BOARD
HEATSINK
0.588 (14.92)
ALL DIMENSIONS IN INCHES (mm)
(See Notes 1 and 2)
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NXA66 Series
Single output (Non-Isolated)
DC-DC CONVERTERS 66 W Non-isolated DC-DC Converters
2
Please consult our website for the following items:
 Longform Datasheet
www.artesyn.com
PIN CONNECTIONS
PIN NO. ROW A
ROW B
PIN NO.
1
12 Vin
RTN
50
2
12 Vin
RTN
49
3
12 Vin
RTN
48
4
12 Vin
RTN
47
5
12 Vin
RTN
46
6
Reserved
RTN
45
7
VSP
8
PWRGD
Reserved
43
9
OUTEN
Ishare
42
10
Reserved
Reserved
41
11
Vo-sense
Vo-sense rtn
40
12
Vout
Return
39
13
Vout
Return
38
14
Vout
RTN
37
15
Vout
RTN
36
16
Vout
RTN
35
17
Vout
RTN
34
18
Vout
RTN
33
19
Vout
RTN
32
20
Vout
RTN
31
21
Vout
RTN
30
22
Vout
RTN
29
23
Vout
RTN
28
24
Vout
RTN
27
25
Vout
RTN
26
INPUT
NOMINAL OUTPUT
NOMINAL OUTPUT
MINIMUM
MODEL
VOLTAGE
VOLTAGE
CURRENT
EFFICIENCY
NUMBER (5,6)
12 Vdc
3.3/2.5 Vdc
20 A
86/82%
NXA66-12P3V3CY
Ambient Temperature (
°C)
0
2
4
6
8
10
12
14
16
18
20
10
20
30
40
50
60
70
80
90 100
400 Lfm
300 Lfm
200 Lfm
100 Lfm
Zero Air
File Name: nxa66.pdf Rev (02): 20 Dec 2005
N
No
otte
es
s C
Co
on
nd
d..
4
Initilization level; ESD event shall cause no out-of-regulation conditions.
5
The ‘Y’ suffix indicates that these parts are TSE RoHS 5/6 (non Pb-free)
compliant.
6
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
N
No
otte
es
s
1
In this view, row B of the edge connector is visible. The leftmost pin is pin
50, and the rightmost pin is pin 26. Row A of the connector is on the
opposite side of the unit. Pin 1 is behind pin 50, pin 25 is behind pin 26.
See below for pinout.
2
Recommended mating connector is AMP 145432 or equivalent. Pin 44 is
absent and is used for electrical key. AMP keying plug PN 65025-2 may
be placed in the mating connector between pins 33 and 34, and between
pins 17 and 18. This keying plug serves as a mechanical key.
3
From 5 Hz to 20 Hz, maintaining 0.02 G2/Hz from 20 Hz to 500 Hz, all
axes.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com