Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR52 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLHR52
Description  High Efficiency LED, 5 mm Tinted Non-Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR52 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLHR52 Datasheet HTML 1Page - Vishay Siliconix TLHR52 Datasheet HTML 2Page - Vishay Siliconix TLHR52 Datasheet HTML 3Page - Vishay Siliconix TLHR52 Datasheet HTML 4Page - Vishay Siliconix TLHR52 Datasheet HTML 5Page - Vishay Siliconix TLHR52 Datasheet HTML 6Page - Vishay Siliconix TLHR52 Datasheet HTML 7Page - Vishay Siliconix TLHR52 Datasheet HTML 8Page - Vishay Siliconix TLHR52 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLH.52../62..
Vishay Telefunken
6 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83011
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF – Forward Current ( mA )
Figure 17 Specific Luminous Intensity vs.
Forward Current
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10037
Green
Figure 18 Relative Luminous Intensity vs.
Forward Current
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
l – Wavelength ( nm )
1.0
Green
Figure 19 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com