Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1347CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1347CG
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1347CG Datasheet HTML 1Page - Linear Technology LTC1347CG Datasheet HTML 2Page - Linear Technology LTC1347CG Datasheet HTML 3Page - Linear Technology LTC1347CG Datasheet HTML 4Page - Linear Technology LTC1347CG Datasheet HTML 5Page - Linear Technology LTC1347CG Datasheet HTML 6Page - Linear Technology LTC1347CG Datasheet HTML 7Page - Linear Technology LTC1347CG Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1347
1347fa
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
On/Off Pin .................................. – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range .................... 0°C to 70°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V+
VCC
C1+
C1–
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC
V–
C2+
C2–
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
NW PACKAGE
28-LEAD PDIP
TOP VIEW
SW PACKAGE
28-LEAD PLASTIC SO
G PACKAGE
28-LEAD SSOP
ORDER PART
NUMBER
LTC1347CG
LTC1347CNW
LTC1347CSW
TJMAX = 125°C, θJA = 96°C/W (G)
TJMAX = 125°C, θJA = 56°C/W (NW)
TJMAX = 125°C, θJA = 85°C/W (SW)
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
5.0
7.0
V
Negative
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
1.4
0.8
V
Input High Level (VOUT = Low)
2.0
1.4
V
Logic Input Current
VIN = 5V
5
µA
VIN = 0V
–5
µA
Output Short-Circuit Current
VOUT = 0V
±9
±12
mA
Output Leakage Current
Shutdown, VOUT = ±20V (Note 3)
±10
±500
µA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
0.8
1.3
V
Input High Threshold
1.7
2.4
V
Hysteresis
0.1
0.4
1.0
V
Input Resistance
VIN = ±10V
3
5
7
kΩ
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
3.5
4.8
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–15
– 40
mA
Sourcing Current, VOUT = 0V
10
20
mA
The denotes specifications which apply over the full operating
temperature range. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com