Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1383IS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1383IS
Description  5V Low Power RS232 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383IS Datasheet(HTML) 5 Page - Linear Technology

  LTC1383IS Datasheet HTML 1Page - Linear Technology LTC1383IS Datasheet HTML 2Page - Linear Technology LTC1383IS Datasheet HTML 3Page - Linear Technology LTC1383IS Datasheet HTML 4Page - Linear Technology LTC1383IS Datasheet HTML 5Page - Linear Technology LTC1383IS Datasheet HTML 6Page - Linear Technology LTC1383IS Datasheet HTML 7Page - Linear Technology LTC1383IS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1383
1383fa
SWITCHI G TI E WAVEFOR S
1.4V
0V
VCC
0V
V+
V
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
tHLD
tLHD
LTC1383 • F01
Figure 1. Driver Propagation Delay Timing
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
tHLR
1.7V
tLHR
LTC1383 • F02
VCC
0V
Figure 2. Receiver Propagation Delay Timing
Driver Timing Test Load
TEST CIRCUITS
Receiver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1383 • TA03
RX
RX INPUT
51pF
RX
OUTPUT
LTC1383 • TA04
ESD Test Circuit
LTC1383 • TA05
LTC1383
1
3
0.1µF
16
VCC
2
0.1µF
6
0.1µF
0.1µF
4
5
232 OUTPUT
14
7
232 OUTPUT
RS232
LINE PINS
PROTECTED
TO ±10kV
13
232 INPUT
5k
8
232 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com