Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1350 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1350
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350 Datasheet(HTML) 6 Page - Linear Technology

  LTC1350 Datasheet HTML 1Page - Linear Technology LTC1350 Datasheet HTML 2Page - Linear Technology LTC1350 Datasheet HTML 3Page - Linear Technology LTC1350 Datasheet HTML 4Page - Linear Technology LTC1350 Datasheet HTML 5Page - Linear Technology LTC1350 Datasheet HTML 6Page - Linear Technology LTC1350 Datasheet HTML 7Page - Linear Technology LTC1350 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1350
1350fa
TEST CIRCUITS
ESD Test Circuit
Receiver Timing Test Load
Driver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1350 • TA03
RX
RX INPUT
51pF
RX
OUTPUT
LTC1350 • TA04
LTC1350 • TC01
VCC
C1
0.1µF
LTC1350
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1µF
V–
V+
C2
0.1µF
C4
0.1µF
RS232
LINE PINS
PROTECTED
TO ±10kV
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com