Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMB3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMB3100
Description  SMD LED in P-LCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMB3100 Datasheet HTML 1Page - Vishay Siliconix TLMB3100 Datasheet HTML 2Page - Vishay Siliconix TLMB3100 Datasheet HTML 3Page - Vishay Siliconix TLMB3100 Datasheet HTML 4Page - Vishay Siliconix TLMB3100 Datasheet HTML 5Page - Vishay Siliconix TLMB3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMB310.
Vishay Telefunken
1 (6)
Rev. A2, 13-Jul-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83034
SMD LED in P–LCC–2 Package
Color
Type
Technology
Angle of Half Intensity
±ö
Blue
TLMB310.
GaN on SiC
60
°
Description
This device has been redesigned in 1998 replacing
SiC by GaN technology to meet the increasing
demand for high efficiency blue LEDs.
The package of the TLMB310. is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with a
white thermoplast. All LEDs are categorized in
luminous intensity groups. That allows users to
assemble LEDs with uniform appearance.
Features
D GaN on SiC technology
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 1.6
D ESD class 1
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMB3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB VISHAY-TLMB Datasheet
293Kb / 11P
MiniLED
20-Jan-05
TLMB1100 VISHAY-TLMB1100 Datasheet
301Kb / 15P
Ultrabright 0603 LED
30-Aug-04
TLMB1100 VISHAY-TLMB1100 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
TLMB1100 VISHAY-TLMB1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
More results

Similar Description - TLMB3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMG3101 VISHAY-TLMG3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMG3105 VISHAY-TLMG3105 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3100 VISHAY-TLMH3100 Datasheet
121Kb / 12P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3101 VISHAY-TLMH3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3102 VISHAY-TLMH3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMO3101 VISHAY-TLMO3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3102 VISHAY-TLMY3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
SMD LED in P-LCC-2 Package
04-Jul-02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com