Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12030WAS Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH12030WAS
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12030WAS Datasheet(HTML) 2 Page - Emerson Network Power

  PTH12030WAS Datasheet HTML 1Page - Emerson Network Power PTH12030WAS Datasheet HTML 2Page - Emerson Network Power PTH12030WAS Datasheet HTML 3Page - Emerson Network Power PTH12030WAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: pth12030.pdf Rev (07): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
2
NEW Product
PTH12030
12 Vin single output
N
No
otte
es
s
1
Remote ON/OFF. Active High
ON:
Pin 4 open; or V > Vin - 0.5 V
OFF:
Pin 4 GND; or V < 0.8 V (min - 0.2 V).
2
See Figure 1 for safe operating curve of the PTH12030W and Figure 4 for
safe operating curve of PTH12030L
3
A 560 µF electrolytic input capacitor is required for proper operation. The
capacitor must be rated for a minimum of 800 mA rms of ripple current.
4
An external output capacitor is not required for basic operation. Adding
330 µF of distributed capacitance at the load will improve the transient
response.
5
1 A/µs load step, 50 to 100% Iomax, Cout = 330 µF.
6
If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7
Tape and reel packaging only available on the surface-mount versions.
8
The pk-pk output ripple voltage is measured with an external 10µF
ceramic capacitor. See Figure 3 Standard application schematic on the
following page.
9
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTH12030WAZ. To order Pb-free
(RoHS compatible) through-hole parts replace the mounting option ‘H’
with ‘D’, e.g. PTH12030WAD.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
EFFICIENCY TABLE - PTH12030L (IO = 18 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 1.8 V
89%
Vo = 1.5 V
87%
Vo = 1.2 V
85%
Vo = 1.0 V
83%
Vo = 0.8 V
80%
EFFICIENCY TABLE - PTH12030W (IO = 18 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 5.0 V
94.5%
Vo = 3.3 V
92.7%
Vo = 2.5 V
91.4%
Vo = 2.0 V
90.3%
Vo = 1.8 V
89.5%
Vo = 1.5 V
88.2%
Vo = 1.2 V
86.2%
PTH12030W AST
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH12030. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 1.2 Vdc to 5.5 Vdc for suffix ‘W’ and 0.8 Vdc to 1.8 Vdc
for suffix ‘L’. When the PTH12030 converter leaves the factory the output has
been adjusted to the default voltage of 1.2 V for the PTH12030W and 0.8V for
the PTH12030L.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e P
PT
TH
H1
12
20
03
30
0 S
Se
erriie
es
s
Output Current
03 = 26 A
Input Voltage
12 = 12 V
Mechanical Package
Always 0
Packaging Options
No Suffix = Trays
T = Tape and Reel (8)
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Output Voltage Code
W = Wide, L = Low Voltage
Mounting Option (9)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(MAX.)
LINE
LOAD
NUMBER
(9,10)
(MAX.)
(MIN.)
(MAX.)
143 W
10.2-13.8 Vdc
0.8-1.8 Vdc
0 A
26 A
89.0%
±5 mV
±5 mV
PTH12030L
143 W
10.2-13.8 Vdc
1.2-5.5 Vdc
0 A
26 A
94.5%
±5 mV
±5 mV
PTH12030W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com