Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB2GIBC Datasheet(PDF) 2 Page - Emerson Network Power

Part # QB2GIBC
Description  2nd Generation IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

QB2GIBC Datasheet(HTML) 2 Page - Emerson Network Power

  QB2GIBC Datasheet HTML 1Page - Emerson Network Power QB2GIBC Datasheet HTML 2Page - Emerson Network Power QB2GIBC Datasheet HTML 3Page - Emerson Network Power QB2GIBC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.06.08
qb2gibc
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal
performance
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
Protection
Short-circuit
Hiccup
Overvoltage
(See note 9)
Non-latching
Thermal
125 °C hot spot
Environmental Specifications
General Specifications
Efficiency
See table
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
400 kHz typ.
Approvals and
standards (see note 5)
EN60950-1 VDE
UL/cUL60950-1
Material flammability
UL94V-0
Weight
49 g (1.73 oz)
MTBF
Representative model:
Telcordia Tech SR-332
5,500,000 hours
48 Vin, 40 °C, 50% load
ground benign
EMC Charateristics
Immunity:
ESD air enclosure
Radiated field enclosure
Conducted (DC power)
Input transients
EN61000-4-2 8 kV, 6 kV
(O/P within spec.)
EN61000-4-3 10 V/m
(O/P within spec.)
EN61000-4-6 10 V
(O/P within spec.)
60 V to 100 V. 100 ms
All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
Ordering Information
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output Current
(Max.)
Efficiency
(Typ.)
Regulation2
Model Number
Set Point
Accuracy %
Line %Load
450 W
42 - 53 Vdc
12 V
0 A
37.5 A (7)
95.5%
---
+10, -12.5%
±1.5%
IBC38AQT4812J
360 W
42 - 53 Vdc
12 V
0 A
30 A
94.5%
±0.25%
±0.3%
±1.5%
IBC30AQS4812J
336 W
36 - 75 Vdc
12 V
0 A
28 A
94.5%
±0.25%
±1.0%
±1.5%
IBC28AQW4812J
Product Family
IBC =2nd
Generation IBC
Rated Output
Current
30 A =
30 Amps etc.
Remote
ON/OFF Logic
Blank =
Positive
R = Negative
(See Note 6)
Input Voltage Type
T = Narrow Input
Fixed Ratio
S = Narrow Input
Semi-reguated
W = Wide Telecom
Semi-reguated
RoHS
Compliance (7, 8)
J = Pb-free
(RoHS 6/6
compliant)
Pin Length
Options
Blank = 0.188 ”
(4.78 mm)
N = 0.145 ”
(3.68 mm)
K = 0.110 ”
(2.79 mm)
Package, Body
Height
A = Open-frame
0.40 in (10.2
mm)
E = Open-rame,
0.45 in (11.4
mm)
Output
Voltage
12 = 12 V
Input
Voltage
48 = 48 V
Form Factor
Q = Quarter-
brick
Part Number System with Options
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
IBC
30A
Q
S
48
12
-
R
A
N
J
Notes
1. Recommended input fusing is a 20 A HRC 200 V rated fuse.
2. Maximum is model dependent, Measured with external filter. See Application
Note 190 for details.
3. Start-up into resistive load.
4. Maximum is model dependent, measured without external Pi filter. Significant
reduction is possible with external filter. See Application Note 190 for details.
5. This product is only for inclusion by professional installers within other equipment
and must not be operated as a stand alone product.
6. Negative remote ON/OFF option is available. Please add the suffix ‘-R’ to the part
number, e.g. IBC30AQS4812-RAJ.
7. Output is rated at 450W constant power.
Vin = 42 V: Imax = 42.9 A
Vin = 48 V: Imax = 37.5 A
Vin = 53 V: Imax = 34.0 A
8. ‘E’ option clearance is required to maintain ‘Basic’ creepage and clearance requirements when
minimally insulated conductor paths are placed directly underneath the converter.
9. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please
contact your local sales representative for details.
10. NOTICE: Some models do not support all options. Please contact your local Emerson Network
Power representative or use the on-line model number search tool at
http://www.powerconversion.com to find a suitable alternative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com